Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3530 Datasheet(PDF) 89 Page - ams AG

Part # TCS3530
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3530 Datasheet(HTML) 89 Page - ams AG

Back Button TCS3530 Datasheet HTML 85Page - ams AG TCS3530 Datasheet HTML 86Page - ams AG TCS3530 Datasheet HTML 87Page - ams AG TCS3530 Datasheet HTML 88Page - ams AG TCS3530 Datasheet HTML 89Page - ams AG TCS3530 Datasheet HTML 90Page - ams AG TCS3530 Datasheet HTML 91Page - ams AG TCS3530 Datasheet HTML 92Page - ams AG TCS3530 Datasheet HTML 93Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 105 page
background image
Datasheet, Public
Page 89
[v3-00] 2023-Jun-23
Document Feedback
TCS3530 − Register Overview
FIFO_STATUS1 Register
Figure 127:
FIFO_STATUS1
Note(s):
1. Return to the Register Map (0xFD).
FIFO_DATA_PROTOCOL Register
Figure 128:
FIFO_DATA_PROTOCOL
Note(s):
1. Return to the Register Map (0xFE).
Addr: 0xFD
FIFO_STATUS1
Bit
Field
Reset
Type
Bit Description
7
FIFO_OVERFLOW
0
R
If set to “1” a FIFO overflow has occurred and data for the
FIFO was lost (e.g. reading from FIFO was too slow). This
flag is cleared by PON and FIFO_CLR. Always check this
flag before and after reading the FIFO. Read
FIFO_STATUS0 and then FIFO_STATUS1 to get consistent
values for both registers.
6FIFO_UNDERFLOW
0
R
If set to “1” the FIFO was read out too often and has
returned 0 at least once. In such case the read-out data
may not consistent anymore. This flag is cleared by PON
and FIFO_CLR. Always check this flag before and after
reading the FIFO. Read FIFO_STATUS0 and then
FIFO_STATUS1 to get consistent values for both registers.
5:3
Reserved
0
2:0
FIFO_LVL[2:0]
0
R
See FIFO Status 0 for description. Read FIFO_STATUS0
and then FIFO_STATUS1 to get consistent values for both
registers.
Addr: 0xFE
FIFO_DATA_PROTOCOL
Bit
Field
Reset
Type
Bit Description
7:0
FIFO_DATA_
PROTOCOL
0R
The register FIFO_DATA_PROTOCOL can used to read-out
FIFO data using the protocol mechanism. It can be read
out with single reads or with a block-read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com