Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3530 Datasheet(PDF) 88 Page - ams AG

Part # TCS3530
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3530 Datasheet(HTML) 88 Page - ams AG

Back Button TCS3530 Datasheet HTML 84Page - ams AG TCS3530 Datasheet HTML 85Page - ams AG TCS3530 Datasheet HTML 86Page - ams AG TCS3530 Datasheet HTML 87Page - ams AG TCS3530 Datasheet HTML 88Page - ams AG TCS3530 Datasheet HTML 89Page - ams AG TCS3530 Datasheet HTML 90Page - ams AG TCS3530 Datasheet HTML 91Page - ams AG TCS3530 Datasheet HTML 92Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 105 page
background image
Page 88
Datasheet, Public
Document Feedback
[v3-00] 2023-Jun-23
TCS3530 − Register O ver view
MOD_FIFO_DATA_CFG7 Register
Figure 125:
MOD_FIFO_DATA_CFG7
Note(s):
1. Return to the Register Map (0xFB).
FIFO_STATUS0 Register
Figure 126:
FIFO_STATUS0
Note(s):
1. Return to the Register Map (0xFC, 0xFD).
Addr: 0xFB
MOD_FIFO_DATA_CFG7
Bit
Field
Default
Access
Bit Description
7
MOD_ALS_FIFO_
DATA7_WRITE_
ENABLE
1RAM=0x17L
See MOD_ALS_FIFO_DATA0_WRITE_ENABLE.
5
MOD_FD_FIFO_
DATA7_
COMPRESSION_
ENABLE
0RAM=0x17L
See MOD_FD_FIFO_DATA0_COMPRESSION_
ENABLE and MOD_FD_FIFO_DATA0_WIDTH for
more details.
4
MOD_FD_FIFO_
DATA7_
DIFFERENCE_
ENABLE
0RAM=0x17L
See MOD_FD_FIFO_DATA0_DIFFERENCE_ENABLE
3:0
MOD_FD_FIFO_
DATA7_WIDTH
15
RAM=0x17L
See MOD_FD_FIFO_DATA0_WIDTH.
Bits
Addr
Field
Reset
Type
Description
7:0
0xFC
FIFO_LVL[10:3]
0
R
FIFO Status 0
Contains the number of 1-byte FIFO
entries. The size of the FIFO is 1280x8
(5x128x16). Thus FIFO_LVL ranges
between 0 (empty) and 1280 (full).
Always read FIFO_STATUS0 and then
FIFO_STATUS1 one after the other to
receive correct FIFO status information.
2:0
0xFD
FIFO_LVL[2:0]
0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com