Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3530 Datasheet(PDF) 27 Page - ams AG

Part # TCS3530
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3530 Datasheet(HTML) 27 Page - ams AG

Back Button TCS3530 Datasheet HTML 23Page - ams AG TCS3530 Datasheet HTML 24Page - ams AG TCS3530 Datasheet HTML 25Page - ams AG TCS3530 Datasheet HTML 26Page - ams AG TCS3530 Datasheet HTML 27Page - ams AG TCS3530 Datasheet HTML 28Page - ams AG TCS3530 Datasheet HTML 29Page - ams AG TCS3530 Datasheet HTML 30Page - ams AG TCS3530 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 105 page
background image
Datasheet, Public
Page 27
[v3-00] 2023-Jun-23
Document Feedback
TCS3530 − Register Overview
MEAS_MODE0 Register
Figure 25:
MEAS_MODE0
Note(s):
1. Return to the Register Map (0x81).
Addr: 0x81
MEAS_MODE0
Bit
Field
Reset
Type
Bit Description
7
STOP_AFTER_NTH_
ITERATION
0R/W
Stops a manual calibration after nth iterations by setting
FDEN and AEN to “0”. PON will stay at “1”. Per default it stops
after one calibration.
6
ENABLE_AGC_
ASAT_DOUBLE_
STEP_DOWN
0R/W
Enables two gain steps down at once in case of an
analogue AGC saturation and at a gain step still >0. This will
allow a faster reach of 25% full-scale range and a more
prompt reaction if analogue saturations occurs.
5
MEASUREMENT_
SEQUENCER_
SINGLE_SHOT_
MODE
0R/W
Start one measurement cycle with sequencer settings and
stop it by asserting Sleep After Interrupt (SAI)
4
MOD_FIFO_ALS_
STATUS_WRITE_
ENABLE
0R/W
Enables writing of ALS status to the FIFO RAM in case ALS
data scaling is used as well as 16-bit ALS data writing. It is
needed to be able to correctly interpret the ALS data.
3:0
ALS_SCALE
4
R/W
ALS_SCALE is used to avoid that redundant ALS MSBs are
transmitted and are reducing possible resolution, since the
ALS data register is only 16 bits wide (internally the result
can be 26 bits wide = 11 bits samples + 11 bits sampling
time + 4 bits residuals - ALS_MSB_POSITION). The ALS_
SCALE register defines the number of MSBs which must be
"0" so that the scaled representation is used in the ALS data
registers instead of the unscaled representation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com