Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3530 Datasheet(PDF) 12 Page - ams AG

Part # TCS3530
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3530 Datasheet(HTML) 12 Page - ams AG

Back Button TCS3530 Datasheet HTML 8Page - ams AG TCS3530 Datasheet HTML 9Page - ams AG TCS3530 Datasheet HTML 10Page - ams AG TCS3530 Datasheet HTML 11Page - ams AG TCS3530 Datasheet HTML 12Page - ams AG TCS3530 Datasheet HTML 13Page - ams AG TCS3530 Datasheet HTML 14Page - ams AG TCS3530 Datasheet HTML 15Page - ams AG TCS3530 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 105 page
background image
Page 12
Datasheet, Public
Document Feedback
[v3-00] 2023-Jun-23
TCS3530 − Timing Characteristics
Parameters listed under Test Level 4 are guaranteed with
production tests and SQC (Statistical Quality Control).
Parameters listed under Test Level 3 are measured in-line with
transparent monitor glasses. Parameters listed under Test Level
2 are measured in lab bench characterization. Parameters listed
under Test Level 1 are guaranteed by design. All Test Levels are
measured with VDD = 1.8V and TA = 25°C unless otherwise noted.
Figure 13:
I²C Timing Characteristics of TCS3530
Symbol
Parameter
Min
Typ
Max
Unit
Test
Level
fSCL
I²C clock frequency
0
400
kHz
1
tBUF
Bus free time between start and stop condition
1.3
μs
1
tHD;STA
Hold time after (repeated) start condition. After
this period, the first clock is generated
0.6
tSU;STA
Repeated start condition setup time
0.6
tSU;STO
Stop condition setup time
0.6
tLOW
SCL clock low period
1.3
tHIGH
SCL clock high period
0.6
tHD;DAT
Data hold time
0
ns
1
tSU;DAT
Data setup time
100
tF
Clock/data fall time
300
tR
Clock/data rise time
300
Timing Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com