Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3530 Datasheet(PDF) 55 Page - ams AG

Part # TCS3530
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3530 Datasheet(HTML) 55 Page - ams AG

Back Button TCS3530 Datasheet HTML 51Page - ams AG TCS3530 Datasheet HTML 52Page - ams AG TCS3530 Datasheet HTML 53Page - ams AG TCS3530 Datasheet HTML 54Page - ams AG TCS3530 Datasheet HTML 55Page - ams AG TCS3530 Datasheet HTML 56Page - ams AG TCS3530 Datasheet HTML 57Page - ams AG TCS3530 Datasheet HTML 58Page - ams AG TCS3530 Datasheet HTML 59Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 105 page
background image
Datasheet, Public
Page 55
[v3-00] 2023-Jun-23
Document Feedback
TCS3530 − Register Overview
ALS_DATA_STATUS Register
Figure 67:
ALS_DATA_STATUS
Note(s):
1. Return to the Register Map (0xBD).
ALS_DATA_FIRST Register
Figure 68:
ALS_DATA_FIRST
Note(s):
1. Return to the Register Map (0xBE).
ALS_DATA Register
Figure 69:
ALS_DATA
Addr: 0xBD
ALS_DATA_STATUS
Bit
Field
Reset
Type
Bit Description
7
ALS_DATA_VALID
0
R
ALS Data Valid. Indicates that the ALS state has
completed a cycle since either an assertion of AEN or the
last readout of the ALS_DATA_FIRST register.
6:0
Reserved
0
Addr: 0xBE
ALS_DATA_FIRST
Bit
Field
Reset
Type
Bit Description
7
ALS_DATA_FIRST
0
R
ALS Data First. ALS_CB_ENABLE needs to be set in order
to read and update to the latest ALS data. A part of the
FIFO is used for this function. In such case the FIFO size
will be reduced from 1280 to 896 bytes.
6:0
Reserved
0
Addr: 0xBF
ALS_DATA
Bit
Field
Reset
Type
Bit Description
7:0
ALS_DATA
0
R
Continue Reading ALS data. ALS_CB_ENABLE needs to
be set in order to read and update to the latest ALS data. A
part of the FIFO is used for this function. In such case the
FIFO size will be reduced from 1280 to 896 bytes.
ATTENTION: Automatic address wrap from to this address.
In this case the wrap is done from ALS_DATA_H to ALS_
DATA_H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com