Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3530 Datasheet(PDF) 22 Page - ams AG

Part # TCS3530
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3530 Datasheet(HTML) 22 Page - ams AG

Back Button TCS3530 Datasheet HTML 18Page - ams AG TCS3530 Datasheet HTML 19Page - ams AG TCS3530 Datasheet HTML 20Page - ams AG TCS3530 Datasheet HTML 21Page - ams AG TCS3530 Datasheet HTML 22Page - ams AG TCS3530 Datasheet HTML 23Page - ams AG TCS3530 Datasheet HTML 24Page - ams AG TCS3530 Datasheet HTML 25Page - ams AG TCS3530 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 105 page
background image
Page 22
Datasheet, Public
Document Feedback
[v3-00] 2023-Jun-23
TCS3530 − Register O ver view
0xD6
MEAS_SEQR_STEP2_
RESIDUAL
Defines whether or not a residual measurement shall
be executed with respective modulator
0xFF
0xD7
MEAS_SEQR_STEP3_
RESIDUAL
Defines whether or not a residual measurement shall
be executed with respective modulator
0xFF
0xD8
MEAS_SEQR_STEP0_
ALS
Defines whether or not an ALS measurement shall
be executed with respective modulator
0xFF
0xD9
MEAS_SEQR_STEP1_
ALS
Defines whether or not an ALS measurement shall
be executed with respective modulator
0x00
0xDA
MEAS_SEQR_STEP2_
ALS
Defines whether or not an ALS measurement shall
be executed with respective modulator
0x00
0xDB
MEAS_SEQR_STEP3_
ALS
Defines whether or not an ALS measurement shall
be executed with respective modulator
0x00
0xDC
MEAS_SEQR_APERS_
AND_VSYNC_WAIT
Defines the measurement sequencer pattern
0x01
0xDD
MEAS_SEQR_AGC
Defines the measurement sequencer pattern
0xFF
0xDE
MEAS_SEQR_SMUX_
AND_SAMPLE_TIME
Defines the measurement sequencer pattern
0x00
0xDF
MEAS_SEQR_WAIT_
AND_TS_ENABLE
Defines the measurement sequencer pattern
0x01
0xE0
MOD_CALIB_CFG0
Defines the modulator calibration repetition rate
0xFF
0xE2
MOD_CALIB_CFG2
Defines the modulator calibration settings
0x69
0xE3
MOD_CALIB_CFG3
Defines the modulator autozero settings
0x6A
0xE7
MOD_COMP_CFG2
Allows to change the modulator IDAC range
0xBF
0xE8
MOD_RESIDUAL_
CFG0
Defines modulator clock cycles for residual
measurements
0x00
0xE9
MOD_RESIDUAL_
CFG1
Defines relative steps for residual measurements
0x00
0xEA
MOD_RESIDUAL_
CFG2
Defines relative steps for residual measurements
0x00
0xEB
VSYNC_DELAY_CFG0
Defines the delay time relative to VSYNC
0x00
0xEC
VSYNC_DELAY_CFG1
Defines the delay time relative to VSYNC
0x00
0xED
VSYNC_PERIOD0
Allows to measure the period of a VSYNC input
signal
0x00
0xEE
VSYNC_PERIOD1
Allows to measure the period of a VSYNC input
signal
0x00
0xEF
VSYNC_PERIOD_
TARGET0
Allows to set a target period depending on the
VSYNC input signal
0x00
Addr
Name
Description
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com