Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3530 Datasheet(PDF) 24 Page - ams AG

Part # TCS3530
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3530 Datasheet(HTML) 24 Page - ams AG

Back Button TCS3530 Datasheet HTML 20Page - ams AG TCS3530 Datasheet HTML 21Page - ams AG TCS3530 Datasheet HTML 22Page - ams AG TCS3530 Datasheet HTML 23Page - ams AG TCS3530 Datasheet HTML 24Page - ams AG TCS3530 Datasheet HTML 25Page - ams AG TCS3530 Datasheet HTML 26Page - ams AG TCS3530 Datasheet HTML 27Page - ams AG TCS3530 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 105 page
background image
Page 24
Datasheet, Public
Document Feedback
[v3-00] 2023-Jun-23
TCS3530 − Register O ver view
Register Description
CONTROL_SCL Register
Figure 21:
CONTROL_SCL
Note(s):
1. Return to the Register Map (0x24).
Modulator Offset Register
Figure 22:
Modulator Offset Register
Addr: 0x24
CONTROL_SCL
Bit
Field
Reset
Type
Bit Description
7:1
Reserved
0
0SOFT_RESET
0
R/W
Software Reset. If set and executable, the software
Reset will initialize the device in the same way as
hardware reset.
Addr
Bit
Field
Reset
Type
Description
0x40
7:0
MOD_
OFFSET0[7:0]
0R/W
Modulator Offset Registers
These registers hold the 8 LSB or
the 2 MSB bits of the modulator
offset value for the related
modulator channel. It can be
overwritten, and it gets
overwritten by the auto-zero
mechanism. The value is 10-bit
wide and 2's complement
encoded. -512 gets saturated to
-511, thus the range is from ±511.
Do not write -512.
0x41
7:2
Reserved
0
0x41
1:0
MOD_
OFFSET0[9:8]
0R/W
0x42
7:0
MOD_
OFFSET1[7:0]
0R/W
0x43
7:2
Reserved
0
0x43
1:0
MOD_
OFFSET1[9:8]
0R/W
0x44
7:0
MOD_
OFFSET2[7:0]
0R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com