Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3530 Datasheet(PDF) 37 Page - ams AG

Part # TCS3530
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3530 Datasheet(HTML) 37 Page - ams AG

Back Button TCS3530 Datasheet HTML 33Page - ams AG TCS3530 Datasheet HTML 34Page - ams AG TCS3530 Datasheet HTML 35Page - ams AG TCS3530 Datasheet HTML 36Page - ams AG TCS3530 Datasheet HTML 37Page - ams AG TCS3530 Datasheet HTML 38Page - ams AG TCS3530 Datasheet HTML 39Page - ams AG TCS3530 Datasheet HTML 40Page - ams AG TCS3530 Datasheet HTML 41Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 105 page
background image
Datasheet, Public
Page 37
[v3-00] 2023-Jun-23
Document Feedback
TCS3530 − Register Overview
AGC Number of Samples Register
Figure 43:
AGC Number of Samples
Note(s):
1. Return to the Register Map (0x99, 0x9A).
STATUS Register
Figure 44:
STATUS
Bits
Addr
Field
Reset
Type
Description
7:0
0x99
AGC_NR_
SAMPLES[7:0]
0R/W
AGC Number of Samples: Sets the
number of samples for every AGC
measurement.
7:3
0x9A
Reserved
0
2:0
0x9A
AGC_NR_
SAMPLES[10:8]
0R/W
Addr: 0x9B
STATUS
Bit
Field
Reset
Type
Bit Description
7MINT
0
R/W
Modulator Interrupt: Indicates that a modulator
interrupt has occurred because of saturation. Check the
STATUS2 register to differentiate between analog or
digital saturation. Writing 1 to this bit clear MINT and all
subsequent interrupts.
6:4
Reserved
0
3AINT
0
R/W
ALS Interrupt: If AIEN is set, this interrupt indicates that
an ALS event that met the programmed ALS thresholds
(AILT or AIHT) and persistence (APERS) occurred. Check
the STATUS3 register to differentiate. Writing 1 to this bit
clear AINT and all subsequent interrupts.
2FINT
0
R/W
FIFO Interrupt. Indicates that the data level in the FIFO
met the programmed FIFO thresholds (FIFO_LVL and
FIFO_THR). This interrupt is automatically
asserted/removed depending on the programmed FIFO
thresholds. Writing 1 to this bit clears FINT. The interrupt,
however, will be promptly asserted again in case the FIFO
has not been read out or cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com