Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3530 Datasheet(PDF) 72 Page - ams AG

Part # TCS3530
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3530 Datasheet(HTML) 72 Page - ams AG

Back Button TCS3530 Datasheet HTML 68Page - ams AG TCS3530 Datasheet HTML 69Page - ams AG TCS3530 Datasheet HTML 70Page - ams AG TCS3530 Datasheet HTML 71Page - ams AG TCS3530 Datasheet HTML 72Page - ams AG TCS3530 Datasheet HTML 73Page - ams AG TCS3530 Datasheet HTML 74Page - ams AG TCS3530 Datasheet HTML 75Page - ams AG TCS3530 Datasheet HTML 76Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 105 page
background image
Page 72
Datasheet, Public
Document Feedback
[v3-00] 2023-Jun-23
TCS3530 − Register O ver view
MEAS_SEQR_WAIT_AND_TS_ENABLE Register
Figure 101:
MEAS_SEQR_WAIT_AND_TS_ENABLE
Note(s):
1. Return to the Register Map (0xDF).
MOD_CALIB_CFG0 Register
Figure 102:
MOD_CALIB_CFG0
Note(s):
1. Return to the Register Map (0xE0).
Addr: 0xDF
MEAS_SEQR_WAIT_AND_TS_ENABLE
Bit
Field
Reset
Type
Bit Description
7:4
Reserved
0
3:0
MEASUREMENT_
SEQUENCER_
WAIT_ PATTERN
0001b
R/W
Defines if a sequencer step will wait for the modulator
trigger timer to finish as programmed in MOD_TRIGGER_
TIMING and WTIME. At the same time the timer is
restarted. In case this bit is not set, the next sequencer
step will start as soon as all measurements in the prior
step are completed.
Please observe that MOD_TRIGGER_TIMIMG is “0” by
default. In this case the programmed wait pattern is
ignored since measurement time has always priority over
wait time.
The bit pattern does not represent a value but controls
bitwise which sequencer step shall be used. The leftmost
position of “0000” refers to sequencer step 3, the
rightmost refers to sequencer step 0. By default the wait is
executed for sequencer step 3 (last sequencer step).
Addr: 0xE0
MOD_CALIB_CFG0
Bit
Field
Reset
Type
Bit Description
7:0
MODE_CALIB_
NTH_ITERATION
0xFF
R/W
Defines the repetition rate of calibrations in sequencer
rounds or steps depending on MOD_CALIB_NTH_
ITERATION_STEP_ENABLE.
0x00: Never
0x01-0xFE: Every nth time
0xFF: Only once at start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com