Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3530 Datasheet (PDF) - OSRAM GmbH

TCS3530 Datasheet PDF - OSRAM GmbH
Part # TCS3530
Download  TCS3530 Download
File Size   2541.78 Kbytes
Page   106 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Fully Embedded, True Color Ambient Light Sensor with Selective Flicker Detection

TCS3530 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCS3530 Datasheet PDF - OSRAM GmbH

Part # TCS3530
Download  TCS3530 Click to download

File Size   2541.78 Kbytes
Page   106 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Fully Embedded, True Color Ambient Light Sensor with Selective Flicker Detection

TCS3530 Datasheet (HTML) - OSRAM GmbH


TCS3530 Product details

Features
• Configurable, high sensitivity
• Programmable gain and integration time
• 8192x dynamic range by gain adjustment only
• 1mlux minimum detectable illuminance (100ms)
• Tailored ALS and color response
• UV/IR blocking filter for all channels
• Clear reference channel
• ALS/color interrupt with thresholds
• Flicker-immune ambient light sensing with
programmable integration time
• Independently configurable timing and gain
• Concurrent flicker and ALS measurement with new
simplified readout methodology
• Up to 7kHz flicker detection (14kHz sampling)
• FIFO buffer interrupt
• 1.8VBUS and 1.2VBUS operation
• Configurable sleep mode
• Interrupt-driven device
• I²C interface up to 1 MHz (Fast-Mode Plus)
• On-chip data compression decreases serial bus traffic
• Digital and analog ALS saturation flags




Similar Part No. - TCS3530

ManufacturerPart #DatasheetDescription
logo
ams AG
TCS3530 AMSCO-TCS3530 Datasheet
2Mb / 105P
Fully Embedded, True Color Ambient Light Sensor with Selective Flicker
v3-00 2023-Jun-23
TCS35303-2 AMSCO-TCS35303-2 Datasheet
2Mb / 105P
Fully Embedded, True Color Ambient Light Sensor with Selective Flicker
v3-00 2023-Jun-23
TCS35303-2M AMSCO-TCS35303-2M Datasheet
2Mb / 105P
Fully Embedded, True Color Ambient Light Sensor with Selective Flicker
v3-00 2023-Jun-23
More results


Similar Description - TCS3530

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCNL4020 VISHAY-VCNL4020 Datasheet
219Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor
20-Jul-12
logo
KODENSHI_AUK CORP.
KOE1615 KODENSHI-KOE1615 Datasheet
205Kb / 3P
Ambient Light Sensor
logo
Everlight Electronics C...
ALS-PT19-315C-L177-TR8 EVERLIGHT-ALS-PT19-315C-L177-TR8_15 Datasheet
254Kb / 11P
Ambient Light Sensor
logo
ON Semiconductor
NOA1305 ONSEMI-NOA1305 Datasheet
279Kb / 13P
Ambient Light Sensor
October, 2012 ??Rev. 0
NOA1213 ONSEMI-NOA1213 Datasheet
103Kb / 8P
Ambient Light Sensor
November, 2015 ??Rev. P1
logo
Vishay Siliconix
TEMD6010FX01 VISHAY-TEMD6010FX01_12 Datasheet
121Kb / 5P
Ambient Light Sensor
20-Aug-12
logo
ON Semiconductor
NOA1212 ONSEMI-NOA1212_17 Datasheet
107Kb / 8P
Ambient Light Sensor
November, 2017 ??Rev. 4
logo
ams AG
TCS3707 AMSCO-TCS3707 Datasheet
94Kb / 4P
ALS/Color Sensor with Flicker Detection
2018-Dec-19
TCS3408 AMSCO-TCS3408 Datasheet
1Mb / 52P
ALS/Color Sensor with Selective Flicker Detection
v2-00 2023-Feb-01
TCS3530 AMSCO-TCS3530 Datasheet
2Mb / 105P
Fully Embedded, True Color Ambient Light Sensor with Selective Flicker
v3-00 2023-Jun-23
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com