Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3530 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # TCS3530
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker Detection
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3530 Datasheet(HTML) 2 Page - OSRAM GmbH

  TCS3530 Datasheet HTML 1Page - OSRAM GmbH TCS3530 Datasheet HTML 2Page - OSRAM GmbH TCS3530 Datasheet HTML 3Page - OSRAM GmbH TCS3530 Datasheet HTML 4Page - OSRAM GmbH TCS3530 Datasheet HTML 5Page - OSRAM GmbH TCS3530 Datasheet HTML 6Page - OSRAM GmbH TCS3530 Datasheet HTML 7Page - OSRAM GmbH TCS3530 Datasheet HTML 8Page - OSRAM GmbH TCS3530 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 106 page
background image
Datasheet, Public
Page 1
[v3-00] 2023-Jun-23
Document Feedback
TCS3530
Fully Embedded, True Color Ambient
Light Sensor with Selective Flicker
Detection
The TCS3530 features true color XYZ ambient light detection,
as well as flicker detection up to 7kHz. The device comes in a
small footprint 8-pin optical module with a dimension of
L2.50mm x W1.80mm x H1.50mm. The optical module is fully
embedded offering an integrated aperture and integrated
diffuser. This unparalleled scale of integration, containing the
photodiodes, aperture and diffuser, as well as precise distances
between these key optical elements, allows accurate
pre-calibration in final optical device test.
The ambient light detection function provides eight concurrent
ambient light sensing channels with independent gain
configuration. These channels can be arbitrarily connected to
the 27 photodiodes. A built-in sequencer enables automated
measurements without the need to reprogram the device after
every measurement cycle. All photodiodes are covered with an
UV/IR blocking filter. This architecture accurately measures
ambient light and calculates illuminance, chromaticity, and
correlated color temperature (CCT ) to manage display
appearance.
The device also integrates direct detection of ambient light
flicker up to 7kHz. This extended sampling range enables flicker
detection from either conventional mains powered 50Hz/60Hz
AC light sources as well as modern PDM controlled LED lighting
systems. Flicker detection is executed in parallel with ambient
light sensing and has independent gain configuration. The
flicker detection engine will sample and buffer data for
calculating flicker frequencies externally on a host CPU.
Ordering Information and Content Guide appear at end of
datasheet.
General Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com