Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3530 Datasheet(PDF) 36 Page - OSRAM GmbH

Part # TCS3530
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker Detection
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3530 Datasheet(HTML) 36 Page - OSRAM GmbH

Back Button TCS3530 Datasheet HTML 32Page - OSRAM GmbH TCS3530 Datasheet HTML 33Page - OSRAM GmbH TCS3530 Datasheet HTML 34Page - OSRAM GmbH TCS3530 Datasheet HTML 35Page - OSRAM GmbH TCS3530 Datasheet HTML 36Page - OSRAM GmbH TCS3530 Datasheet HTML 37Page - OSRAM GmbH TCS3530 Datasheet HTML 38Page - OSRAM GmbH TCS3530 Datasheet HTML 39Page - OSRAM GmbH TCS3530 Datasheet HTML 40Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 106 page
background image
Datasheet, Public
Page 35
[v3-00] 2023-Jun-23
Document Feedback
TCS3530 − Register Overview
WTIME Register
Figure 39:
WTIME
Note(s):
1. Return to the Register Map (0x8F)
Identification Registers
Figure 40:
Identification Registers
Note(s):
1. Return to the Register Map (0x90, 0x91, 0x92).
Addr: 0x8F
WTIME
Bit
Field
Reset
Type
Bit Description
7:0
WTIME
0
R/W
Sets the WaitTime between 2 measurements of the
modulator or sequencer. WTIME together with TRIGGER_
MODE_TIMING (in register 0xAD, TRIGGER_MODE) define
the actual time between measurements.
WaitTime = TRIGGER_MODE_TIMING x WTIME
Default: 0 = 0 x (0+1) no WaitTime.
Bits
Addr
Field
Reset
Type
Description
7:0
0x90
AUX_ID
0x00
R
AUX_ID: Identifies package and wafer
factory
7:0
0x91
REV_ID
0x14
R
REV_ID: Identifies revision number of
CMOS die
7:0
0x92
ID
0x68
R
ID: Device Identification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com