Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3530 Datasheet(PDF) 71 Page - OSRAM GmbH

Part # TCS3530
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker Detection
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3530 Datasheet(HTML) 71 Page - OSRAM GmbH

Back Button TCS3530 Datasheet HTML 67Page - OSRAM GmbH TCS3530 Datasheet HTML 68Page - OSRAM GmbH TCS3530 Datasheet HTML 69Page - OSRAM GmbH TCS3530 Datasheet HTML 70Page - OSRAM GmbH TCS3530 Datasheet HTML 71Page - OSRAM GmbH TCS3530 Datasheet HTML 72Page - OSRAM GmbH TCS3530 Datasheet HTML 73Page - OSRAM GmbH TCS3530 Datasheet HTML 74Page - OSRAM GmbH TCS3530 Datasheet HTML 75Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 106 page
background image
Page 70
Datasheet, Public
Document Feedback
[v3-00] 2023-Jun-23
TCS3530 − Register O ver view
MEAS_SEQR_APERS_AND_VSYNC_WAIT Register
Figure 98:
MEAS_SEQR_APERS_AND_VSYNC_WAIT
Note(s):
1. Return to the Register Map (0xDC).
Addr: 0xDC
MEAS_SEQR_APERS_AND_VSYNC_WAIT
Bit
Field
Reset
Type
Bit Description
7:4
MEASUREMENT_
SEQUENCER_
VSYNC_WAIT_
PATTERN
0000b
R/W
Defines if a measurement sequence shall wait for a vsync
before starting the measurement. The bit pattern does
not represent a value but controls bitwise which
sequencer step shall be used. The leftmost position of
“0000” refers to sequencer step 3, the rightmost refers to
sequencer step 0.
3:0
MEASUREMENT_
SEQUENCER_
APERS_
PATTERN
0001b
R/W
Defines the sequencer steps where an ALS persistence
evaluation shall be performed on modulator data
selected by ALS_THRESHOLD_CHANNEL. The bit pattern
does not represent a value but controls bitwise which
sequencer step shall be used. The leftmost position of
“0000” refers to sequencer step 3, the rightmost refers to
sequencer step 0. By default step 0 is used on all
modulators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com