Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3530 Datasheet(PDF) 39 Page - OSRAM GmbH

Part # TCS3530
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker Detection
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3530 Datasheet(HTML) 39 Page - OSRAM GmbH

Back Button TCS3530 Datasheet HTML 35Page - OSRAM GmbH TCS3530 Datasheet HTML 36Page - OSRAM GmbH TCS3530 Datasheet HTML 37Page - OSRAM GmbH TCS3530 Datasheet HTML 38Page - OSRAM GmbH TCS3530 Datasheet HTML 39Page - OSRAM GmbH TCS3530 Datasheet HTML 40Page - OSRAM GmbH TCS3530 Datasheet HTML 41Page - OSRAM GmbH TCS3530 Datasheet HTML 42Page - OSRAM GmbH TCS3530 Datasheet HTML 43Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 106 page
background image
Page 38
Datasheet, Public
Document Feedback
[v3-00] 2023-Jun-23
TCS3530 − Register O ver view
Note(s):
1. Return to the Register Map (0x9B).
STATUS 2 Register
Figure 45:
STATUS2
Note(s):
1. Return to the Register Map (0x9C).
1Reserved
0
0SINT
0
0
System Interrupt. If SIEN is set, indicates that one or
more of several events has occurred or is complete. The
events related to this interrupt are indicated in the
STATUS5 register.
Addr: 0x9C
STATUS2
Bit
Field
Reset
Type
Bit Description
7:5
Reserved
0
R
4
ALS_DIGITAL_
SATURATION
0R
ALS Digital Saturation. Indicates that a counter value has
been reached that cannot be expressed with the selected
data format defined with ALS_MSB_POSITION. Maximum
counter value also depends on integration time set in the
ATIME register.
3
FD_DIGITAL_
SATURATION
0R
Flicker Detect Digital Saturation. Indicates that the
maximum counter value has been reached during flicker
detection.
2:1
Reserved
0
R
0
MOD_ANALOG_
SATURATION_ANY
0R
ALS Analog Saturation of any Modulator. Indicates that
the intensity of ambient light has exceeded the maximum
integration level for the ALS analog circuit.
Addr: 0x9B
STATUS
Bit
Field
Reset
Type
Bit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com