Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3530 Datasheet(PDF) 82 Page - OSRAM GmbH

Part # TCS3530
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker Detection
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3530 Datasheet(HTML) 82 Page - OSRAM GmbH

Back Button TCS3530 Datasheet HTML 78Page - OSRAM GmbH TCS3530 Datasheet HTML 79Page - OSRAM GmbH TCS3530 Datasheet HTML 80Page - OSRAM GmbH TCS3530 Datasheet HTML 81Page - OSRAM GmbH TCS3530 Datasheet HTML 82Page - OSRAM GmbH TCS3530 Datasheet HTML 83Page - OSRAM GmbH TCS3530 Datasheet HTML 84Page - OSRAM GmbH TCS3530 Datasheet HTML 85Page - OSRAM GmbH TCS3530 Datasheet HTML 86Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 106 page
background image
Datasheet, Public
Page 81
[v3-00] 2023-Jun-23
Document Feedback
TCS3530 − Register Overview
MOD_FIFO_DATA_CFG0 Register
Figure 118:
MOD_FIFO_DATA_CFG0
Note(s):
1. Return to the Register Map (0xF4).
Addr: 0xF4
MOD_FIFO_DATA_CFG0
Bit
Field
Default
Access
Bit Description
7
MOD_ALS_FIFO_
DATA0_WRITE_
ENABLE
1RAM=0x10L
Enable ALS data write to fifo of modulator 0, if flicker
measurement is not enabled in this sequencer step or
ficker measurement has already finished (select als_
nr_samples >= fd_nr_samples) or in case of do_als_
final_processing_after_flicker.
5
MOD_FD_FIFO_
DATA0_
COMPRESSION_
ENABLE
0RAM=0x10L
Enables data compression in case of flicker detection
mode.
4
MOD_FD_FIFO_
DATA0_
DIFFERENCE_
ENABLE
0RAM=0x10L
Enables that only the difference between previous
and actual data is used for data writing instead of
actual data value. This makes only sense in case of
MOD_FD_FIFO_DATA0_COMPRESSION_ENABLE=1.
3:0
MOD_FD_FIFO_
DATA0_WIDTH
15
RAM=0x10L
Select data width to use for FIFO writing of flicker
data0. Or in case of compression select the width of
the data parts. See MOD_ALS_FIFO_DATA0_WRITE_
ENABLE for more details. In case of no compression
the user must specify the mod_fd_fifo_dataX_width's
so that the full possible data is written to the fifo
(log2(sample_time)+4). ATTENTION: There is no
digital saturation implemented that show's a range
overflow. There was not enough resources left to
implement this.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com