Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3530 Datasheet(PDF) 24 Page - OSRAM GmbH

Part # TCS3530
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker Detection
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3530 Datasheet(HTML) 24 Page - OSRAM GmbH

Back Button TCS3530 Datasheet HTML 20Page - OSRAM GmbH TCS3530 Datasheet HTML 21Page - OSRAM GmbH TCS3530 Datasheet HTML 22Page - OSRAM GmbH TCS3530 Datasheet HTML 23Page - OSRAM GmbH TCS3530 Datasheet HTML 24Page - OSRAM GmbH TCS3530 Datasheet HTML 25Page - OSRAM GmbH TCS3530 Datasheet HTML 26Page - OSRAM GmbH TCS3530 Datasheet HTML 27Page - OSRAM GmbH TCS3530 Datasheet HTML 28Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 106 page
background image
Datasheet, Public
Page 23
[v3-00] 2023-Jun-23
Document Feedback
TCS3530 − Register Overview
0xF0
VSYNC_PERIOD_
TARGET1
Allows to set a target period depending on the
VSYNC input signal
0x00
0xF1
VSYNC_CONTROL
Allows to sets various oscillator synchronization
modes
0x00
0xF2
VSYNC_CFG
Defines the oscillator calibration and
synchronization mode
0x00
0xF3
FIFO_THR
Configuration of FIFO threshold interrupt
0x7F
0xF4
MOD_FIFO_DATA_
CFG0
Defines conditions and data format for
corresponding modulator to write to FIFO
0x8F
0xF5
MOD_FIFO_DATA_
CFG1
Defines conditions and data format for
corresponding modulator to write to FIFO
0x8F
0xF6
MOD_FIFO_DATA_
CFG2
Defines conditions and data format for
corresponding modulator to write to FIFO
0x8F
0xF7
MOD_FIFO_DATA_
CFG3
Defines conditions and data format for
corresponding modulator to write to FIFO
0x8F
0xF8
MOD_FIFO_DATA_
CFG4
Defines conditions and data format for
corresponding modulator to write to FIFO
0x8F
0xF9
MOD_FIFO_DATA_
CFG5
Defines conditions and data format for
corresponding modulator to write to FIFO
0x8F
0xFA
MOD_FIFO_DATA_
CFG6
Defines conditions and data format for
corresponding modulator to write to FIFO
0x8F
0xFB
MOD_FIFO_DATA_
CFG7
Defines conditions and data format for
corresponding modulator to write to FIFO
0x8F
0xFC
FIFO_STATUS0
Contains number of FIFO entries
0x00
0xFD
FIFO_STATUS0
Contains number of FIFO entries
0x00
0xFD
FIFO_STATUS1
Contains FIFO overflow and underflow status
0x00
0xFE
FIFO_DATA_
PROTOCOL
Register to read out FIFO with FIFO protocol
mechanism
0x00
0xFF
FIFO_DATA
Register contains FIFO data for read-out
0x00
Addr
Name
Description
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com