Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3530 Datasheet(PDF) 19 Page - OSRAM GmbH

Part # TCS3530
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker Detection
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3530 Datasheet(HTML) 19 Page - OSRAM GmbH

Back Button TCS3530 Datasheet HTML 15Page - OSRAM GmbH TCS3530 Datasheet HTML 16Page - OSRAM GmbH TCS3530 Datasheet HTML 17Page - OSRAM GmbH TCS3530 Datasheet HTML 18Page - OSRAM GmbH TCS3530 Datasheet HTML 19Page - OSRAM GmbH TCS3530 Datasheet HTML 20Page - OSRAM GmbH TCS3530 Datasheet HTML 21Page - OSRAM GmbH TCS3530 Datasheet HTML 22Page - OSRAM GmbH TCS3530 Datasheet HTML 23Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 106 page
background image
Page 18
Datasheet, Public
Document Feedback
[v3-00] 2023-Jun-23
TCS3530 − Register O ver view
The device is controlled and monitored by registers accessed
through the I²C serial interface. These registers provide device
control functions and are read to determine device status and
acquire device data.
Register Map
The register set is summarized in Figure 20. The values of all
registers and fields that are listed as reserved or are not listed
must not be changed at any time. The power-on reset values of
each bit are indicated in these columns. Two-byte fields are
always latched with the low byte followed by the high byte.
Figure 20:
Register Map
Addr
Name
Description
Reset
0x24
CONTROL_SCL
Initialize the device
0x00
0x40
MOD_OFFSET0[7:0]
Modulator Offset Register
0x00
0x41
MOD_OFFSET0[9:8]
Modulator Offset Register
0x00
0x42
MOD_OFFSET1[7:0]
Modulator Offset Register
0x00
0x43
MOD_OFFSET1[9:8]
Modulator Offset Register
0x00
0x44
MOD_OFFSET2[7:0]
Modulator Offset Register
0x00
0x45
MOD_OFFSET2[9:8]
Modulator Offset Register
0x00
0x46
MOD_OFFSET3[7:0]
Modulator Offset Register
0x00
0x47
MOD_OFFSET4[9:8]
Modulator Offset Register
0x00
0x48
MOD_OFFSET4[7:0]
Modulator Offset Register
0x00
0x49
MOD_OFFSET4[9:8]
Modulator Offset Register
0x00
0x4A
MOD_OFFSET5[7:0]
Modulator Offset Register
0x00
0x4B
MOD_OFFSET5[9:8]
Modulator Offset Register
0x00
0x4C
MOD_OFFSET6[7:0]
Modulator Offset Register
0x00
0x4D
MOD_OFFSET6[9:8]
Modulator Offset Register
0x00
0x4E
MOD_OFFSET7[7:0]
Modulator Offset Register
0x00
0x4F
MOD_OFFSET7[9:8]
Modulator Offset Register
0x00
0x7F
OSCEN
Power on polling
0x00
0x80
ENABLE
Enables device states
0x00
0x81
MEAS_MODE0
Measurement mode settings 0
0x04
0x82
MEAS_MODE1
Measurement mode settings 1
0x0C
Register Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com