Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3530 Datasheet(PDF) 16 Page - OSRAM GmbH

Part # TCS3530
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker Detection
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3530 Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button TCS3530 Datasheet HTML 12Page - OSRAM GmbH TCS3530 Datasheet HTML 13Page - OSRAM GmbH TCS3530 Datasheet HTML 14Page - OSRAM GmbH TCS3530 Datasheet HTML 15Page - OSRAM GmbH TCS3530 Datasheet HTML 16Page - OSRAM GmbH TCS3530 Datasheet HTML 17Page - OSRAM GmbH TCS3530 Datasheet HTML 18Page - OSRAM GmbH TCS3530 Datasheet HTML 19Page - OSRAM GmbH TCS3530 Datasheet HTML 20Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 106 page
background image
Datasheet, Public
Page 15
[v3-00] 2023-Jun-23
Document Feedback
TCS3530 − Detailed Description
Upon power-up, POR, the device initializes. During initialization
(typically 200μs), the device will deterministically send NAK on
I²C and cannot accept I²C transactions. All communication with
the device must be delayed, and all outputs from the device
must be ignored including interrupts. After initialization, the
device enters the SLEEP state. In this operational state the
internal oscillator and other circuitry are not active, resulting in
ultra-low power consumption. If an I²C transaction occurs
during this state, the I²C core wakes up temporarily to service
the communication. Once the Power ON bit, PON, is enabled,
the device enters the IDLE state in which the internal oscillator
and attendant circuitry are active, but power consumption
remains low. Whenever a function is enabled (AEN = 1), the
device exits the IDLE state. If all functions are disabled (AEN =
0), the device returns to the IDLE state.
As depicted in Figure 18 and Figure 19, the color sensing
functions operate in parallel when enabled. Each function is
individually configured (e.g. gain, ADC integration time, wait
time, persistence, thresholds, etc.).
If Sleep after Interrupt is enabled the state machine will enter
SLEEP when an interrupt occurs. Entering SLEEP does not
automatically change any of the register settings (e.g. PON bit
is still high, but the normal operational state is over-ridden by
SLEEP state). SLEEP state is terminated when the SAI_ACTIVE
bit is cleared (the status bit is in register 0xA7 and the clear
status bit is in register 0xFA).
State Machine Diagrams
Figure 18:
Simplified State Diagram
Detailed Description
AEN
IDLE
ALS/
COLOR/WIDEBAND/
FLICKER
SLEEP
PON
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com