Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3530 Datasheet(PDF) 34 Page - OSRAM GmbH

Part # TCS3530
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker Detection
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3530 Datasheet(HTML) 34 Page - OSRAM GmbH

Back Button TCS3530 Datasheet HTML 30Page - OSRAM GmbH TCS3530 Datasheet HTML 31Page - OSRAM GmbH TCS3530 Datasheet HTML 32Page - OSRAM GmbH TCS3530 Datasheet HTML 33Page - OSRAM GmbH TCS3530 Datasheet HTML 34Page - OSRAM GmbH TCS3530 Datasheet HTML 35Page - OSRAM GmbH TCS3530 Datasheet HTML 36Page - OSRAM GmbH TCS3530 Datasheet HTML 37Page - OSRAM GmbH TCS3530 Datasheet HTML 38Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 106 page
background image
Datasheet, Public
Page 33
[v3-00] 2023-Jun-23
Document Feedback
TCS3530 − Register Overview
FD_NR_SAMPLES0 Register
Figure 35:
FD_NR_SAMPLES0
Note(s):
1. Return to the Register Map (0x8B).
FD_NR_SAMPLES1 Register
Figure 36:
FD_NR_SAMPLES1
Note(s):
1. Return to the Register Map (0x8C).
Addr: 0x8B
FD_NR_SAMPLES0
Bit
Field
Reset
Type
Bit Description
7:0
FD_NR_
SAMPLES[7:0]
0R/W
FD_NR_OF_SAMPLES defines the total measurement time
for Flicker together with SAMPLE_TIME in steps of
1.388889μs modulator clock. Please observe that FD_NR_
OF_SAMPLES needs to be set in register 0x8B and 0x8C
(11-bit wide). It counts from 0-2047 (2048 counts).
FDMeasurementTime = (FD_NR_SAMPLES+1) x (SAMPLE_
TIME+1) x 1.388889μs
Default: 250μs = (0+1) x (179+1) x 1.388889μs
Example: 100ms = (399+1) x (179+1) x 1.388889μs
In case residual measurement is enabled, SAMPLE_TIME is
reduced which also reduces FDMeasurementTime.
Addr: 0x8C
FD_NR_SAMPLES1
Bit
Field
Reset
Type
Bit Description
7
FD_NR_
SAMPLES_
INFINITE
0R/W
When asserted flicker measurement sequences will be
infinitely repeated. In this mode, no end markers are
inserted but results are continuously written into the FIFO.
6:3
Reserved
0
2:0
FD_NR_
SAMPLES[10:8]
0
R/W
Please see FD_NR_SAMPLES0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com