Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3530 Datasheet(PDF) 30 Page - OSRAM GmbH

Part # TCS3530
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker Detection
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3530 Datasheet(HTML) 30 Page - OSRAM GmbH

Back Button TCS3530 Datasheet HTML 26Page - OSRAM GmbH TCS3530 Datasheet HTML 27Page - OSRAM GmbH TCS3530 Datasheet HTML 28Page - OSRAM GmbH TCS3530 Datasheet HTML 29Page - OSRAM GmbH TCS3530 Datasheet HTML 30Page - OSRAM GmbH TCS3530 Datasheet HTML 31Page - OSRAM GmbH TCS3530 Datasheet HTML 32Page - OSRAM GmbH TCS3530 Datasheet HTML 33Page - OSRAM GmbH TCS3530 Datasheet HTML 34Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 106 page
background image
Datasheet, Public
Page 29
[v3-00] 2023-Jun-23
Document Feedback
TCS3530 − Register Overview
SAMPLE_TIME0 Register
Figure 27:
SAMPLE_TIME0
Note(s):
1. Return to the Register Map (0x83).
SAMPLE_TIME1 Register
Figure 28:
SAMPLE_TIME1
Note(s):
1. Return to the Register Map (0x84).
Addr: 0x83
SAMPLE_TIME0
Bit
Field
Reset
Type
Bit Description
7:5
SAMPLE_TIME[2:0]
011b
R/W
Flicker sampling time and ALS measurement time step.
Sets the time in steps of 1.388889μs modulator clock.
Please observe that SAMPLE_TIME needs to be set in
register 0x83 and 0x84 (11-bit wide). It counts from 0-2047
(2048 counts).
SAMPLE_TIME+1 = 1/FlickerSamplingFreq/1.388889μs
Default: 179+1 = 1/4000Hz / 1.388889μs
(180 counts as counted 0-179)
ALSMeasurementTimeStep = (SAMPLE_TIME+1) x
1.388889μs
Default: 250μs = (179+1) x 1.388889μs
4Reserved
0
3:0
MEASUREMENT_
SEQUENCER_
FD_NR_SAMPLES_
PATTERN
0R/W
Sets the number of flicker samples for each sequencer step.
If set to 0001b the number is FD_NR_SAMPLES else it is FD_
NR_SAMPLES_ALTERNATIVE.
Addr: 0x84
SAMPLE_TIME1
Bit
Field
Reset
Type
Bit Description
7:0
SAMPLE_
TIME[10:3]
0x16
R/W
Please see SAMPLE_TIME0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com