Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3530 Datasheet(PDF) 75 Page - OSRAM GmbH

Part # TCS3530
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker Detection
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3530 Datasheet(HTML) 75 Page - OSRAM GmbH

Back Button TCS3530 Datasheet HTML 71Page - OSRAM GmbH TCS3530 Datasheet HTML 72Page - OSRAM GmbH TCS3530 Datasheet HTML 73Page - OSRAM GmbH TCS3530 Datasheet HTML 74Page - OSRAM GmbH TCS3530 Datasheet HTML 75Page - OSRAM GmbH TCS3530 Datasheet HTML 76Page - OSRAM GmbH TCS3530 Datasheet HTML 77Page - OSRAM GmbH TCS3530 Datasheet HTML 78Page - OSRAM GmbH TCS3530 Datasheet HTML 79Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 106 page
background image
Page 74
Datasheet, Public
Document Feedback
[v3-00] 2023-Jun-23
TCS3530 − Register O ver view
MOD_CALIB_CFG3 Register
Figure 104:
MOD_CALIB_CFG3
Note(s):
1. Return to the Register Map (0xE3).
MOD_COMP_CFG2 Register
Figure 105:
MOD_COMP_CFG2
Addr: 0xE3
MOD_CALIB_CFG3
Bit
Field
Reset
Type
Bit Description
7:6
MOD_AZ_SETTLING_
FACTOR
01b
R/W
Modulator Autozero Settling Factor: Defines the
settling time factor during modulator autozero
iterations
00b: 1x
01b: 2x
10b: 3x
11b: 4x
5:3
MOD_AZ_
ITERATIONS
101b
R/W
Modulator Autozero Iterations: Defines the number
of modulator autozero iterations
000b: 0
001b: 1
010b: 2
011b: 4
100b: 8
101b:16
110b: 32
111b: 64
2:0
MOD_AZ_
SETTLING
101b
R/W
Defines the Modulator Autozero Settling Time:
(MOD_AZ_SETTLING*(4μs*k) + (8μs*k)) * scale
(k = 0.925925925925926), where scale = 1 in SAR phase
and (MOD_AZ_SETTLING_FACTOR + 1) in averaging
phase.
Addr: 0xE7
MOD_COMP_CFG2
Bit
Field
Reset
Type
Bit Description
7:6
MOD_IDAC_
RANGE
10
R/W
Sets the auto zero range of the current digital-to-analog
converter.
00: 58μV
01: 38μV
10: 18μV
11: 9μV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com