Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3530 Datasheet(PDF) 92 Page - OSRAM GmbH

Part # TCS3530
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker Detection
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3530 Datasheet(HTML) 92 Page - OSRAM GmbH

Back Button TCS3530 Datasheet HTML 88Page - OSRAM GmbH TCS3530 Datasheet HTML 89Page - OSRAM GmbH TCS3530 Datasheet HTML 90Page - OSRAM GmbH TCS3530 Datasheet HTML 91Page - OSRAM GmbH TCS3530 Datasheet HTML 92Page - OSRAM GmbH TCS3530 Datasheet HTML 93Page - OSRAM GmbH TCS3530 Datasheet HTML 94Page - OSRAM GmbH TCS3530 Datasheet HTML 95Page - OSRAM GmbH TCS3530 Datasheet HTML 96Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 106 page
background image
Datasheet, Public
Page 91
[v3-00] 2023-Jun-23
Document Feedback
TCS3530 − Application Information
It is highly recommended to consult the ams OSRAM
application team for circuit diagram and layout review at
design-in.
Figure 130:
TCS3530 Typical Application Circuit
Note(s):
1. C1 in the graphic above shall be 4.7μF, 6.3V, 10% and C2 in the graphic above shall be 1μF, 6.3V, 20%. All ground vias shall connected
to a solid ground plane.
Figure 131:
TCS3530 Recommended Part Placement
Note(s):
1. NC pins do not have an internal electrical connection. For device ESD protection, it is recommended to connect it to ground.
Application Information
To I2C (Pull-up Rs not shown)
To SYNC/IO (Pull-up R not shown)
To I2C (Pull-up Rs
To SYNC/IO (Pull-
INT
VSS
VDD
GPIO
SDA
SCL
PGND
VBUS
VIO
(1.2V/1.8V)
To INT (Pull-up R not shown)
GND
1V8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com