Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3530 Datasheet(PDF) 80 Page - OSRAM GmbH

Part # TCS3530
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker Detection
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3530 Datasheet(HTML) 80 Page - OSRAM GmbH

Back Button TCS3530 Datasheet HTML 76Page - OSRAM GmbH TCS3530 Datasheet HTML 77Page - OSRAM GmbH TCS3530 Datasheet HTML 78Page - OSRAM GmbH TCS3530 Datasheet HTML 79Page - OSRAM GmbH TCS3530 Datasheet HTML 80Page - OSRAM GmbH TCS3530 Datasheet HTML 81Page - OSRAM GmbH TCS3530 Datasheet HTML 82Page - OSRAM GmbH TCS3530 Datasheet HTML 83Page - OSRAM GmbH TCS3530 Datasheet HTML 84Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 106 page
background image
Datasheet, Public
Page 79
[v3-00] 2023-Jun-23
Document Feedback
TCS3530 − Register Overview
VSYNC_CONTROL Register
Figure 115:
VSYNC_CONTROL
Note(s):
1. Return to the Register Map (0xF1).
VSYNC_CFG Register
Figure 116:
VSYNC_CFG
Addr: 0xF1
VSYNC_CONTROL
Bit
Field
Reset
Type
Bit Description
7:1
Reserved
0
0
SW_VSYNC_TRIGGER
0
R/W
Trigger Software vsync Pulse. In case if vsync_mode
is 1, this register can be written to 1 to trigger a vsync
from I²C/I3C side. If one knows the exact time between
two such I²C/I3C writings, the oscillator offset can be
calculated by using the resulting value in vsync_
trigger.
Addr: 0xF2
VSYNC_CFG
Bit
Field
Default
Access
Bit Description
7:6
OSC_CALIB_MODE
0
R/W
Oscillator calibration mode register
Value
ID
Meaning
0
osccal_
disable
no autmatic oscillator
calibration is done
1
osccal_
after_pon
if pon goes to 1 or after
each vsync_lost goes 0
an oscillator calibration
is done once not
during measurement
2
osccal_
always_on
oscillator calibration is
done always if possible,
not during
measurement and not
if vsync_lost is
detected
3
osccal_
reserved
if set to 3, osccal is also
not starting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com