Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3530 Datasheet(PDF) 26 Page - OSRAM GmbH

Part # TCS3530
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker Detection
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3530 Datasheet(HTML) 26 Page - OSRAM GmbH

Back Button TCS3530 Datasheet HTML 22Page - OSRAM GmbH TCS3530 Datasheet HTML 23Page - OSRAM GmbH TCS3530 Datasheet HTML 24Page - OSRAM GmbH TCS3530 Datasheet HTML 25Page - OSRAM GmbH TCS3530 Datasheet HTML 26Page - OSRAM GmbH TCS3530 Datasheet HTML 27Page - OSRAM GmbH TCS3530 Datasheet HTML 28Page - OSRAM GmbH TCS3530 Datasheet HTML 29Page - OSRAM GmbH TCS3530 Datasheet HTML 30Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 106 page
background image
Datasheet, Public
Page 25
[v3-00] 2023-Jun-23
Document Feedback
TCS3530 − Register Overview
Note(s):
1. Return to the Register Map (0x40, 0x41, 0x42, 0x43, 0x44, 0x45, 0x46, 0x47, 0x48, 0x49, 0x4A, 0x4B, 0x4C, 0x4D, 0x4E, 0x4F).
0x45
7:2
Reserved
0
Modulator Offset Registers
These registers hold the 8 LSB or
the 2 MSB bits of the modulator
offset value for the related
modulator channel. It can be
overwritten, and it gets
overwritten by the auto-zero
mechanism. The value is 10-bit
wide and 2's complement
encoded. -512 gets saturated to
-511, thus the range is from ±511.
Do not write -512.
0x45
1:0
MOD_
OFFSET2[9:8]
0R/W
0x46
7:0
MOD_
OFFSET3[7:0]
0R/W
0x47
7:2
Reserved
0
0x47
1:0
MOD_
OFFSET4[9:8]
0R/W
0x48
7:0
MOD_
OFFSET4[7:0]
0R/W
0x49
7:2
Reserved
0
0x49
1:0
MOD_
OFFSET4[9:8]
0R/W
0x4A
7:2
MOD_
OFFSET5[7:0]
0R/W
0x4B
1:0
Reserved
0
0x4B
7:0
MOD_
OFFSET5[9:8]
0R/W
0x4C
7:2
MOD_
OFFSET6[7:0]
0R/W
0x4D
1:0
Reserved
0
0x4D
7:0
MOD_
OFFSET6[9:8]
0R/W
0x4E
7:2
MOD_
OFFSET7[7:0]
0R/W
0x4F
1:0
Reserved
0
0x4F
7:0
MOD_
OFFSET7[9:8]
0R/W
Addr
Bit
Field
Reset
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com