Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3530 Datasheet(PDF) 37 Page - OSRAM GmbH

Part # TCS3530
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker Detection
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3530 Datasheet(HTML) 37 Page - OSRAM GmbH

Back Button TCS3530 Datasheet HTML 33Page - OSRAM GmbH TCS3530 Datasheet HTML 34Page - OSRAM GmbH TCS3530 Datasheet HTML 35Page - OSRAM GmbH TCS3530 Datasheet HTML 36Page - OSRAM GmbH TCS3530 Datasheet HTML 37Page - OSRAM GmbH TCS3530 Datasheet HTML 38Page - OSRAM GmbH TCS3530 Datasheet HTML 39Page - OSRAM GmbH TCS3530 Datasheet HTML 40Page - OSRAM GmbH TCS3530 Datasheet HTML 41Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 106 page
background image
Page 36
Datasheet, Public
Document Feedback
[v3-00] 2023-Jun-23
TCS3530 − Register O ver view
ALS Interrupt Low Threshold Register
Figure 41:
ALS Interrupt Low Threshold
Note(s):
1. Return to the Register Map (0x93, 0x94, 0x95).
ALS Interrupt High Threshold Register
Figure 42:
ALS Interrupt High Threshold
Note(s):
1. Return to the Register Map (0x96, 0x97, 0x98).
Bits
Addr
Field
Reset
Type
Description
7:0
0x93
AILT0
0
R/W
ALS Interrupt Low Threshold: The ALS interrupt
threshold registers are 24-bit wide. ALS interrupt
level detection compares the threshold registers
with the data accumulated by the selected
modulator. The modulator can be selected via
ALS_THRESHOLD_CHANNEL. If AIEN is asserted
and the accumulated data is below AILT for the
number of consecutive samples specified in APERS,
an interrupt is asserted on the interrupt pin
(internally AINT_AILT and AINT are asserted).
15:8
0x94
AILT1
0
R/W
23:16
0x95
AILT2
0
R/W
Bits
Addr
Field
Reset
Type
Description
7:0
0x96
AIHT0
0
R/W
ALS Interrupt High Threshold: The ALS interrupt
threshold registers are 24-bit wide. ALS interrupt
level detection compares the threshold registers
with the data accumulated by the selected
modulator. The modulator can be selected via
ALS_THRESHOLD_CHANNEL. If AIEN is asserted
and the accumulated data is above AIHT for the
number of consecutive samples specified in
APERS, an interrupt is asserted on the interrupt
pin (internally AINT_AIHT and AINT are asserted).
15:8
0x97
AIHT1
0
R/W
23:16
0x98
AIHT2
0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com