Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3530 Datasheet(PDF) 76 Page - OSRAM GmbH

Part # TCS3530
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker Detection
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3530 Datasheet(HTML) 76 Page - OSRAM GmbH

Back Button TCS3530 Datasheet HTML 72Page - OSRAM GmbH TCS3530 Datasheet HTML 73Page - OSRAM GmbH TCS3530 Datasheet HTML 74Page - OSRAM GmbH TCS3530 Datasheet HTML 75Page - OSRAM GmbH TCS3530 Datasheet HTML 76Page - OSRAM GmbH TCS3530 Datasheet HTML 77Page - OSRAM GmbH TCS3530 Datasheet HTML 78Page - OSRAM GmbH TCS3530 Datasheet HTML 79Page - OSRAM GmbH TCS3530 Datasheet HTML 80Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 106 page
background image
Datasheet, Public
Page 75
[v3-00] 2023-Jun-23
Document Feedback
TCS3530 − Register Overview
Note(s):
1. Return to the Register Map (0xE7).
MOD_RESIDUAL_CFG0 Register
Figure 106:
MOD_RESIDUAL_CFG0
Note(s):
1. Return to the Register Map (0xE8).
MOD_RESIDUAL_CFG1 Register
Figure 107:
MOD_RESIDUAL_CFG1
Note(s):
1. Return to the Register Map (0xE9).
5:0
Reserved
0xF
Do not overwrite
Addr: 0xE8
MOD_RESIDUAL_CFG0
Bit
Field
Reset
Type
Bit Description
7:6
Reserved
0
5:0
MOD_RESIDUAL_
MINIMUM_STEPS
0R/W
Defines the minimum number of modulator clock cycles for
residual measurements, hence the minimum measurement
time for residual measurements. This can be used during
e.g. AGC to receive equidistant measurements throughout
all gain steps.
mod_clock_cycles = MOD_RESIDUAL_MINIMUM_STEPS + 1
Addr: 0xE9
MOD_RESIDUAL_CFG1
Bit
Field
Reset
Type
Bit Description
7:4
MOD_RESIDUAL_
RELATIVE_
STEPS_3
0R/W
Relative number of steps to add to 8 steps in case of
number of residual bits 3.
3:0
MOD_RESIDUAL_
RELATIVE_
STEPS_2
0R/W
Relative number of steps to add to 4 steps in case of
number of residual bits 2.
Addr: 0xE7
MOD_COMP_CFG2
Bit
Field
Reset
Type
Bit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com