Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3530 Datasheet(PDF) 27 Page - OSRAM GmbH

Part # TCS3530
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker Detection
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3530 Datasheet(HTML) 27 Page - OSRAM GmbH

Back Button TCS3530 Datasheet HTML 23Page - OSRAM GmbH TCS3530 Datasheet HTML 24Page - OSRAM GmbH TCS3530 Datasheet HTML 25Page - OSRAM GmbH TCS3530 Datasheet HTML 26Page - OSRAM GmbH TCS3530 Datasheet HTML 27Page - OSRAM GmbH TCS3530 Datasheet HTML 28Page - OSRAM GmbH TCS3530 Datasheet HTML 29Page - OSRAM GmbH TCS3530 Datasheet HTML 30Page - OSRAM GmbH TCS3530 Datasheet HTML 31Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 106 page
background image
Page 26
Datasheet, Public
Document Feedback
[v3-00] 2023-Jun-23
TCS3530 − Register O ver view
OSCEN Register
Figure 23:
OSCEN
Note(s):
1. Return to the Register Map (0x7F).
ENABLE Register
Figure 24:
ENABLE
Note(s):
1. Return to the Register Map (0x80).
Addr: 0x7F
OSCEN
Bit
Field
Reset
Type
Bit Description
7:3
Reserved
0
2PON_INIT
0
R
This bit is “1” after power on for about 300μs. The device
will not respond to any I²C/I3C bus traffic. It can be used
for power on polling.
1
OSCEN_STATUS
0
R
Oscillator Enable. The I²C/I3C access to all clocked
registers is disabled, if the oscillator is turned off.
0OSCEN
0
R/W
Oscillator Enable. Writing a “1” activates the oscillator.
Writing a “0” disables the oscillator.
Note, that “PON” in register 0x80 also indicates when the
oscillator is on and the internal state-machine is enabled
and operating. This operation is temporarily disabled by
“SAI” in register 0xA1 while the oscillator keeps running
(e.g. for single-shot measurements).
Addr: 0x80
ENABLE
Bit
Field
Reset
Type
Bit Description
7Reserved
0
6FDEN
0
R/W
Flicker Detection Enable. Writing a “1” activates flicker
detection. Writing a “0” disables flicker detection.
5:2
Reserved
0
1AEN
0
R/W
ALS Enable. Writing a “1” enables ALS/Color. Writing a “0”
disables ALS/Color.
0PON
0
R/W
Power ON. When asserted, the internal oscillator is activated,
allowing timers and ADC channels to operate. Writing a “0”
disables the oscillator and clears PEN, and AEN. Only set this
bit after all other registers have been initialized by the host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com