Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3530 Datasheet(PDF) 21 Page - OSRAM GmbH

Part # TCS3530
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker Detection
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3530 Datasheet(HTML) 21 Page - OSRAM GmbH

Back Button TCS3530 Datasheet HTML 17Page - OSRAM GmbH TCS3530 Datasheet HTML 18Page - OSRAM GmbH TCS3530 Datasheet HTML 19Page - OSRAM GmbH TCS3530 Datasheet HTML 20Page - OSRAM GmbH TCS3530 Datasheet HTML 21Page - OSRAM GmbH TCS3530 Datasheet HTML 22Page - OSRAM GmbH TCS3530 Datasheet HTML 23Page - OSRAM GmbH TCS3530 Datasheet HTML 24Page - OSRAM GmbH TCS3530 Datasheet HTML 25Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 106 page
background image
Page 20
Datasheet, Public
Document Feedback
[v3-00] 2023-Jun-23
TCS3530 − Register O ver view
0x9D
STATUS3
Device Status Information 3
0x08
0x9E
STATUS4
Device Status Information 4
0x00
0x9F
STATUS5
Device Status Information 5
0x00
0xA0
STATUS6
Device Status Information 6
0x00
0xA1
CFG0
Configuration 0
0x00
0xA2
CFG1
Configuration 1
0x00
0xA3
CFG2
Configuration 2
0x00
0xA4
CFG3
Configuration 3
0x00
0xA5
CFG4
Configuration 4
0x00
0xA6
CFG5
Configuration 5
0x00
0xA7
CFG6
Configuration 6
0x03
0xA8
CFG7
Configuration 7
0x01
0xA9
CFG8
Configuration 8
0xC3
0xAA
CFG9
Configuration 9
0x00
0xAB
MOD_CHANNEL_
CTRL
Modulator Channel Control
0x00
0xAD
TRIGGER_MODE
Repetition time of modulator or sequencer
measurement
0x00
0xAE
OSC_TUNE
Oscillator tuning settings
0x00
0xB0
VSYNC_GPIO_INT
Control of VSYNC/GPIO pin
0x02
0xBA
INTENAB
Enable interrupts
0x00
0xBB
SIEN
Enable saturation interrupts
0x00
0xBC
CONTROL
Device control settings
0x00
0xBD
ALS_DATA_STATUS
ALS measurement data status
0x00
0xBE
ALS_DATA_FIRST
ALS data read and update control
0x00
0xBF
ALS_DATA
ALS data read and update control
0x00
0xC0
MEAS_SEQR_STEP0_
MOD_GAINX_0
Defines the gain of modulator for the measurement
sequencer step
0x88
0xC1
MEAS_SEQR_STEP0_
MOD_GAINX_1
Defines the gain of modulator for the measurement
sequencer step
0x88
0xC2
MEAS_SEQR_STEP0_
MOD_GAINX_2
Defines the gain of modulator for the measurement
sequencer step
0x88
Addr
Name
Description
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com