Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1ASL Datasheet (PDF) - SMC Diode Solutions Co. LTD

ES1ASL Datasheet PDF - SMC Diode Solutions Co. LTD
Part # ES1ASL
Download  ES1ASL Download
File Size   360.3 Kbytes
Page   4 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description ES1ASL THRU ES1JSL SURFACE MOUNT SUPER FAST RECTIFIER

ES1ASL Datasheet (PDF)

Go To PDF Page Download Datasheet
ES1ASL Datasheet PDF - SMC Diode Solutions Co. LTD

Part # ES1ASL
Download  ES1ASL Click to download

File Size   360.3 Kbytes
Page   4 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description ES1ASL THRU ES1JSL SURFACE MOUNT SUPER FAST RECTIFIER

ES1ASL Datasheet (HTML) - SMC Diode Solutions Co. LTD


ES1ASL Product details

Features
Glass passivated device
Ideal for surface mouted applications
Low reverse leakage
Metallurgically bonded construction
High temperature soldering guaranteed: 260 C/10
seconds,0.375”(9.5mm) lead length, 5 lbs. (2.3kg)
tension
Terminals finish: 100% Pure Tin
This is a Halogen Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request




Similar Part No. - ES1ASL

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
ES1ASL SMC-ES1ASL Datasheet
332Kb / 5P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Rectron Semiconductor
ES1ASL RECTRON-ES1ASL Datasheet
179Kb / 5P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
More results


Similar Description - ES1ASL

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
ES2A DIOTECH-ES2A Datasheet
855Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
ES3A DIOTECH-ES3A Datasheet
882Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Formosa MS
ES3A FORMOSA-ES3A Datasheet
118Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Sangdest Microelectroni...
ER2A SMC-ER2A Datasheet
157Kb / 4P
SURFACE MOUNT SUPER FAST RECTIFIER
ER5A SMC-ER5A Datasheet
160Kb / 4P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Unisonic Technologies
ES1D UTC-ES1D Datasheet
117Kb / 3P
SURFACE MOUNT SUPER FAST RECTIFIER
ES2D UTC-ES2D Datasheet
117Kb / 3P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Microdiode Semiconducto...
ER07A CHENDA-ER07A Datasheet
588Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com