Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1ASL Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # ES1ASL
Description  ES1ASL THRU ES1JSL SURFACE MOUNT SUPER FAST RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

ES1ASL Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  ES1ASL Datasheet HTML 1Page - SMC Diode Solutions Co. LTD ES1ASL Datasheet HTML 2Page - SMC Diode Solutions Co. LTD ES1ASL Datasheet HTML 3Page - SMC Diode Solutions Co. LTD ES1ASL Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Data Sheet N1666, Rev. A
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
ES1ASL THRU ES1JSL
ES1ASL THRU ES1JSL
SURFACE MOUNT SUPER FAST RECTIFIER
Type Number
Symbol
ES1A
SL
ES1B
SL
ES1D
SL
ES1G
SL
ES1J
SL
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
V
Maximum RMS Voltage
VR(RMS)
35
70
140
280
420
Average Rectified Output Current @TL =90°C
IF(AV)
1.0
A
Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on rated
load (JEDEC Method)
IFSM
30.0
A
Forward Voltage
@IF = 1.0A, TJ=25°C
VF
0.95
1.25
1.7
V
Maximum DC reverse current
TA = 25°C
at rated DC blocking voltage
TA = 125°C
IR
5.0
100
µA
Typical junction capacitance (Note 1)
CJ
10
pF
Maximum Reverse Recovery Time (Note 2)
Trr
35
ns
Typical thermal resistance (Note 3)
RθJA
85
°C/W
Operating junction and storage temperature range
TJ,TSTG
-55 to +150
°C
Note: 1. Measured at 1.0 MHZ and applied reverse voltage of 4.0 VDC
2. Measured with IF=0.5A, IR=1.0A, Irr=0.25A,
3. Thermal resistance from junction to ambient at 0.375" (9.5mm)lead length,P.C.B. Mounted
Features
Circuit Diagram
Mechanical Data
Maximum Ratings and Electrical Characteristics @TA=25°C unless otherwise specified
Case: SOD-123FL, molded plastic
Terminals: Plated leads, solderable per MIL-STD-750,
Method 2026 guaranteed
Polarity: Color band denotes cathode end
Mounting Position: Any
Glass passivated device
Ideal for surface mouted applications
Low reverse leakage
Metallurgically bonded construction
High temperature soldering guaranteed: 260 C/10
seconds,0.375”(9.5mm) lead length, 5 lbs. (2.3kg)
tension
Terminals finish: 100% Pure Tin
This is a Halogen Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon
request
SOD-123FL


Similar Part No. - ES1ASL

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
ES1ASL SMC-ES1ASL Datasheet
332Kb / 5P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Rectron Semiconductor
ES1ASL RECTRON-ES1ASL Datasheet
179Kb / 5P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
More results

Similar Description - ES1ASL

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
ES2A DIOTECH-ES2A Datasheet
855Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
ES3A DIOTECH-ES3A Datasheet
882Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Formosa MS
ES3A FORMOSA-ES3A Datasheet
118Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Sangdest Microelectroni...
ER2A SMC-ER2A Datasheet
157Kb / 4P
SURFACE MOUNT SUPER FAST RECTIFIER
ER5A SMC-ER5A Datasheet
160Kb / 4P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Unisonic Technologies
ES1D UTC-ES1D Datasheet
117Kb / 3P
SURFACE MOUNT SUPER FAST RECTIFIER
ES2D UTC-ES2D Datasheet
117Kb / 3P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Microdiode Semiconducto...
ER07A CHENDA-ER07A Datasheet
588Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com