Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT2825GQV Datasheet (PDF) - Richtek Technology Corporation

RT2825GQV Datasheet PDF - Richtek Technology Corporation
Part # RT2825GQV
Download  RT2825GQV Download
File Size   434.33 Kbytes
Page   22 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 4.5V to 18V, 5A/5A Dual Synchronous Step-Down Converter

RT2825GQV Datasheet (PDF)

Go To PDF Page Download Datasheet
RT2825GQV Datasheet PDF - Richtek Technology Corporation

Part # RT2825GQV
Download  RT2825GQV Click to download

File Size   434.33 Kbytes
Page   22 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 4.5V to 18V, 5A/5A Dual Synchronous Step-Down Converter

RT2825GQV Datasheet (HTML) - Richtek Technology Corporation


RT2825GQV Product details

General Description
The RT2825 features two synchronous wide input range
high efficiency buck converters that cab deliver up to 5A/
5A output current from a 4.5V to 18V input supply. The
converters are designed to simplify its application while
giving the designer the option to optimize their usage
according to the target application.
The converters can operate in 5V, 9V, 12V or 15V systems
and have integrated power transistors. The RT2825's
current mode architecture allows the transient response
to be improved. Cycle-by-cycle current limit provides
protection against shorted outputs.
Each converter features enable pin that allows a delayed
start-up for sequencing purposes, soft start pin that allows
adjustable soft-start time by choosing the soft-start
capacitor, and a current limit (RLIMx) pin that enables
designer to adjust current limit by selecting an external
resistor and optimize the choice of inductor. The COMP
pin allows optimizing transient versus dc accuracy
response with a simple RC compensation.
The switching frequency of the converters can either be
set with an external resistor connected to ROSC pin or
can be synchronized to an external clock if needed. The
switching regulators are designed to operate from
200kHz to 1MHz. The converters operate with 180° phase
between two channels to minimize the input filter
requirements.
The RT2825 also features a low power mode enabled by
an external signal, which allows for a reduction on the
input power supplied to the system when the host
processor is in stand-by (low activity) mode.
The RT2825 is available in a VQFN-36L 6x6 package.

Features
Wide Input Supply Voltage Range : 4.5V to 18V
Fully Integrated Dual-Buck, Up to 5A/5A
Adjustable Switching Frequency 200kHz to 1MHz
Set by External Resistor or SYNC Signal
Dedicated Enable/Soft-Start for Each Buck
Current Mode Control with Simple Compensation
Circuit
Adjustable Cycle-by-Cycle Current Limit Set by
External Resistor
Over-Temperature Protection
Power Good Indicator
Discontinuous Operating Mode at Light Load when
LOWP = L
1% VREF Accuracy
RoHS Compliant and Halogen Free

Applications
DTV
TCON
BDVD
Set Top Boxes
Tablet




Similar Part No. - RT2825GQV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT2820D ETC-RT2820D Datasheet
72Kb / 5P
CMOS LSI
More results


Similar Description - RT2825GQV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54521 TI-TPS54521 Datasheet
1Mb / 33P
4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
TPS54521 TI-TPS54521_1 Datasheet
893Kb / 35P
4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
logo
Richtek Technology Corp...
RT7235 RICHTEK-RT7235 Datasheet
302Kb / 18P
5A, 18V, 650kHz, ACOTTM Synchronous Step-Down Converter
logo
Texas Instruments
TPS54521 TI-TPS54521_15 Datasheet
1Mb / 41P
4.5V to 17V Input, 5A Synchronous Step Down Converter
LM73605 TI1-LM73605 Datasheet
114Kb / 9P
5A Synchronous Step-Down Voltage Converter
TPS54521 TI1-TPS54521_17 Datasheet
1Mb / 41P
4.5V to 17V Input, 5A Synchronous Step Down Converter
logo
Monolithic Power System...
MP2225 MPS-MP2225 Datasheet
935Kb / 20P
High-Efficiency, 5A, 18V, 500kHz Synchronous, Step-Down Converter
logo
Rohm
BD86120EFJ ROHM-BD86120EFJ Datasheet
456Kb / 20P
4.5V to 18V, 5A 1ch Synchronous Buck Converter
logo
Diodes Incorporated
AP62500 DIODES-AP62500 Datasheet
2Mb / 27P
4.5V TO 18V INPUT, 5A SYNCHRONOUS BUCK CONVERTER
November 2022 Rev. 1 - 2
logo
Richtek Technology Corp...
RT6202A RICHTEK-RT6202A Datasheet
226Kb / 15P
5A, 18V, 650kHz, ACOT® Synchronous Step-Down Converter
January 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com