Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3607CJGQW Datasheet (PDF) - Richtek Technology Corporation

RT3607CJGQW Datasheet PDF - Richtek Technology Corporation
Part # RT3607CJGQW
Download  RT3607CJGQW Download
File Size   1001.44 Kbytes
Page   69 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Multi-Phase PWM Controller for CPU Core Power Supply

RT3607CJGQW Datasheet (PDF)

Go To PDF Page Download Datasheet
RT3607CJGQW Datasheet PDF - Richtek Technology Corporation

Part # RT3607CJGQW
Download  RT3607CJGQW Click to download

File Size   1001.44 Kbytes
Page   69 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Multi-Phase PWM Controller for CPU Core Power Supply

RT3607CJGQW Datasheet (HTML) - Richtek Technology Corporation


RT3607CJGQW Product details

General Description
The RT3607CJ is an IMVP8 compliant CPU power
controller which includes two voltage rails : a 4/3/2/1 phase
synchronous Buck controller, the CORE VR, a 3/2/1 phase
synchronous Buck controller, the AXG VR. The RT3607CJ
adopts G-NAVPTM (Green Native AVP) which is Richtek's
proprietary topology derived from finite DC gain of EA
amplifier with current mode control, making it easy to set
the droop to meet all Intel CPU requirements of AVP
(Adaptive Voltage Positioning). Based on the G-NAVPTM
topology, the RT3607CJ also features a quick response
mechanism for optimized AVP performance during load
transient. The RT3607CJ supports mode transition function
with various operating states. A serial VID (SVID) interface
is built in the RT3607CJ to communicate with Intel IMVP8
compliant CPU. The RT3607CJ supports VID on-the-fly
function with three different slew rates : Fast, Slow and
Decay. By utilizing the G-NAVPTM topology, the operating
frequency of the RT3607CJ varies with VID, load and input
voltage to further enhance the efficiency even in CCM.
Moreover, the G-NAVPTM with CCRCOT (Constant Current
Ripple COT) technology provides superior output voltage
ripple over the entire input/output range. The built-in high
accuracy DAC converts the SVID code ranging from 0.25V
to 1.52V with 5mV per step. The RT3607CJ integrates a
high accuracy ADC for platform setting functions, such as
quick response trigger level or over-current level. Besides,
the setting function also supposes this two rails address
exchange. The RT3607CJ provides VR ready output
signals. It also features complete fault protection functions
including over-voltage (OV), negative voltage (NV), overcurrent
(OC) and under-voltage lockout (UVLO). The
RT3607CJ is available in the WQFN-56L 6x6 small foot
print package.

Features
 Intel IMVP8 Serial VID Interface Compatible Power
Management States
 4/3/2/1 Phase (Core) + 3/2/1 Phase (AXG) PWM
Controller
 G-NAVPTM (Green Native Adaptive Voltage
Positioning) Topology
 0.5% DAC Accuracy
 Differential Remote Voltage Sensing
 Built-in ADC for Platform Programming
 Accurate Current Balance
 System Thermal Compensated AVP
 Diode Emulation Mode at Light Load Condition for
Single Phase Operation
 Fast Transient Response
 VR Ready Indicator
 Thermal Throttling
 Current Monitor Output
 OVP, OCP, NVP, UVLO
 Slew Rate Setting/Address Flip Function
 Rail Address Flexibility
 DVID Enhancement

Applications
 IMVP8 Intel Core Supply
 Notebook/ Desktop Computer Multi-phase CPU Core
Supply
 AVP Step-Down Converter




Similar Part No. - RT3607CJGQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT3607CE RICHTEK-RT3607CE Datasheet
959Kb / 69P
Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CEGQW RICHTEK-RT3607CEGQW Datasheet
959Kb / 69P
Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CEZQW RICHTEK-RT3607CEZQW Datasheet
959Kb / 69P
Multi-Phase PWM Controller for CPU Core Power Supply
More results


Similar Description - RT3607CJGQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9243 RICHTEK-RT9243 Datasheet
487Kb / 18P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9245 RICHTEK-RT9245 Datasheet
421Kb / 22P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9246 RICHTEK-RT9246 Datasheet
382Kb / 17P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9246A RICHTEK-RT9246A Datasheet
281Kb / 16P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9247 RICHTEK-RT9247 Datasheet
330Kb / 15P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9248 RICHTEK-RT9248 Datasheet
325Kb / 14P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8856 RICHTEK-RT8856 Datasheet
373Kb / 23P
Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CE RICHTEK-RT3607CE Datasheet
959Kb / 69P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8859M RICHTEK-RT8859M_14 Datasheet
729Kb / 51P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8884C RICHTEK-RT8884C Datasheet
692Kb / 46P
Multi-Phase PWM Controller for CPU Core Power Supply
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com