Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5758 Datasheet (PDF) - Richtek Technology Corporation

RT5758 Datasheet PDF - Richtek Technology Corporation
Part # RT5758
Download  RT5758 Download
File Size   713.23 Kbytes
Page   26 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 9A, 6.5V, 1MHz Synchronous Step-Down Converter

RT5758 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT5758 Datasheet PDF - Richtek Technology Corporation

Part # RT5758
Download  RT5758 Click to download

File Size   713.23 Kbytes
Page   26 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 9A, 6.5V, 1MHz Synchronous Step-Down Converter

RT5758 Datasheet (HTML) - Richtek Technology Corporation


RT5758 Product details

General Description
The RT5758 is a high-performance, synchronous stepdown
DC-DC converter that can deliver up to 9A output
current from a 3V to 6.5V input supply. The device
integrates low RDS(ON) power MOSFETs, accurate 0.6V
reference and an integrated diode of bootstrap circuit to
offer a very compact solution.
The RT5758 adopts Advanced Constant On-Time (ACOTTM)
control architecture that provides ultrafast transient
response and further reduce the external-component
count. In steady states, the ACOTTM operates in nearly
constant switching frequency over line, load and output
voltage ranges and makes the EMI filter design easier.
The device offers Independent enable control input pin and
power good indicator for easily sequence control. To
control the inrush current during the startup, the device
provides a programmable soft-start up by an external
capacitor connected to the SS pin. Fully protection
features are also integrated in the device including the
cycle-by-cycle current limit control, UVP, input UVLO and
OTP.
The RT5758 is available in a thermally enhanced UQFN-
13L 3x3 (FC) package.

Features
 Dramatically Fast Transient Response
 Steady 1MHz ±20% Switching Frequency
 1.5% Reference Voltage
 Advanced COT Control Loop
 Auto PWM/Pulse Skipping Mode for High Light-
Load Efficiency
 Optimized for Ceramic Output Capacitors
 3V to 6.5V Input Voltage Range
 Integrated 12mΩ/8mΩ MOSFETs
 Pre-Biased Start Up
 Adjustable Soft-Start
 Power Good Indicator
 Enable Control
 Over-Current and Over-Temperature Protections
 Under-Voltage Protection with Hiccup Mode

Applications
 Mobile Phones and Handheld Devices
 STB, Cable Modem, and xDSL Platform
 WLAN ASIC Power / Storage (SSD and HDD)
 General Purpose for POL LV Buck Converter
 TV




Similar Part No. - RT5758

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT5750A RICHTEK-RT5750A Datasheet
1Mb / 27P
6V 1A, ACOT® Buck Converter
May 2020
RT5750AHGJ5 RICHTEK-RT5750AHGJ5 Datasheet
1Mb / 27P
6V 1A, ACOT® Buck Converter
May 2020
RT5750AHGJ6 RICHTEK-RT5750AHGJ6 Datasheet
1Mb / 27P
6V 1A, ACOT® Buck Converter
May 2020
RT5750BHGJ5 RICHTEK-RT5750BHGJ5 Datasheet
1Mb / 27P
6V 1A, ACOT® Buck Converter
May 2020
RT5750BHGJ6 RICHTEK-RT5750BHGJ6 Datasheet
1Mb / 27P
6V 1A, ACOT® Buck Converter
May 2020
More results


Similar Description - RT5758

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2112DQ-00A MPS-EV2112DQ-00A Datasheet
162Kb / 4P
1A, 1MHz Synchronous Step-Down Converter
MP2105 MPS-MP2105 Datasheet
270Kb / 8P
1MHz, 800mA Synchronous Step-Down Converter
MP2105 MPS-MP2105_06 Datasheet
285Kb / 8P
1MHz, 800mA Synchronous Step-Down Converter
MP2112 MPS-MP2112 Datasheet
278Kb / 8P
1MHz, 1A Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8061A RICHTEK-RT8061A Datasheet
195Kb / 12P
3A, 1MHz, Synchronous Step-Down Converter
RT8068A RICHTEK-RT8068A Datasheet
255Kb / 13P
3A, 1MHz, Synchronous Step-Down Converter
RT8078A RICHTEK-RT8078A Datasheet
176Kb / 12P
4A, 1MHz, Synchronous Step-Down Converter
RT8089A RICHTEK-RT8089A Datasheet
210Kb / 15P
3A, 1MHz, Synchronous Step-Down Converter
RT5759A RICHTEK-RT5759A Datasheet
768Kb / 35P
9A, 6.5V, 1MHz, ACOT® Synchronous Step-Down Converter with I2C Interface
January 2023
RT5771A RICHTEK-RT5771A Datasheet
176Kb / 13P
3A, 1MHz, Synchronous Step-Down Converter
June 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com