Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5753C Datasheet (PDF) - Richtek Technology Corporation

RT5753C Datasheet PDF - Richtek Technology Corporation
Part # RT5753C
Download  RT5753C Download
File Size   972.79 Kbytes
Page   28 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 3A, 1.2MHz, 6V Synchronous Step-Down Converter In WDFN-8L 2x2

RT5753C Datasheet (PDF)

Go To PDF Page Download Datasheet
RT5753C Datasheet PDF - Richtek Technology Corporation

Part # RT5753C
Download  RT5753C Click to download

File Size   972.79 Kbytes
Page   28 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 3A, 1.2MHz, 6V Synchronous Step-Down Converter In WDFN-8L 2x2

RT5753C Datasheet (HTML) - Richtek Technology Corporation


RT5753C Product details

General Description
The RT5753A/B/C/D is a simple, easy-to-use, 3A
synchronous step-down DC-DC converter with an input
supply voltage range from 2.5V to 6V. The device builds
in an accurate 0.6V reference voltage and integrates low
RDS(ON) power MOSFETs to achieve high efficiency in
WDFN-8L 2x2 and WDFN-8SL 2x2 packages.
The RT5753A/B/C/D adopts Advanced Constant On-Time
(ACOT®) control architecture to provide an ultrafast
transient response with few external components and to
operate in nearly constant switching frequency over the
line, load, and output voltage range. The RT5753A/C
operates in automatic PSM that maintains high efficiency
during light load operation. The RT5753B/D operates in
Forced PWM that helps to meet tight voltage regulation
accuracy requirements.
The RT5753A/B/C/D senses both FETs current for a robust
over-current protection. The device features cycle-by-cycle
current limit protection which prevents the device from
the catastrophic damage in output short circuit, over current
or inductor saturation. A built-in soft-start function prevents
inrush current during start-up. The device also includes
input under-voltage lockout, output under-voltage
protection, over-voltage protection (RT5753AL/BL/CL/DL)
and over-temperature protection to provide safe and smooth
operation in all operating conditions.

Features
 Input Voltage Range from 2.5V to 6V
 Integrated 100mΩ and 70mΩ FETs
 100% Duty Cycle for Lowest Dropout
 Internal Reference Voltage with 1% Accuracy
1.2MHz Typical Switching Frequency
 Power Saving Mode for Light Loads (RT5753A/C)
 Advanced Constant On-Time (ACOT® ) Control
 Internal Soft-Start (1.5ms/750μs)
 Enable Control Input
 Power Good Indicator
 Both FETs Over-Current Protection
 Negative Over-Current Protection (RT5753B/D)
 Input Under-Voltage Lockout Protection
 Output Under-Voltage Protection
 Over-Temperature Protection
 RoHS Compliant and Halogen Free

Applications
 Mobile Phones and Handheld Devices
 STB, Cable Modem, and xDSL Platforms
 WLAN ASIC Power / Storage (SSD and HDD)
 General Purpose for POL LV Buck Converters




Similar Part No. - RT5753C

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT5753CHGQW RICHTEK-RT5753CHGQW Datasheet
974Kb / 30P
3A, 1.2MHz, 6V Synchronous Step-Down Converter In WDFN-8L 2x2
November 2023
RT5753CHGQWA RICHTEK-RT5753CHGQWA Datasheet
974Kb / 30P
3A, 1.2MHz, 6V Synchronous Step-Down Converter In WDFN-8L 2x2
November 2023
RT5753CLGQW RICHTEK-RT5753CLGQW Datasheet
974Kb / 30P
3A, 1.2MHz, 6V Synchronous Step-Down Converter In WDFN-8L 2x2
November 2023
RT5753CLGQWA RICHTEK-RT5753CLGQWA Datasheet
974Kb / 30P
3A, 1.2MHz, 6V Synchronous Step-Down Converter In WDFN-8L 2x2
November 2023
More results


Similar Description - RT5753C

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7256B RICHTEK-RT7256B Datasheet
224Kb / 14P
3A, 17V, 1.2MHz Synchronous Step-Down Converter
RT7257B RICHTEK-RT7257B Datasheet
284Kb / 14P
3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT7257D RICHTEK-RT7257D Datasheet
224Kb / 14P
3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT8283B RICHTEK-RT8283B Datasheet
205Kb / 14P
3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT7297B RICHTEK-RT7297B Datasheet
278Kb / 14P
3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT8253B RICHTEK-RT8253B Datasheet
205Kb / 15P
3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8293B RICHTEK-RT8293B Datasheet
289Kb / 14P
3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8296B RICHTEK-RT8296B Datasheet
290Kb / 15P
3A, 23V, 1.2MHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2127 MPS-MP2127 Datasheet
255Kb / 11P
2.7-6V Input, 2A, 1.2MHz Synchronous Step-Down Converter
MP9115 MPS-MP9115 Datasheet
299Kb / 11P
2.7-6V Input, 2.5A,1.2MHz Synchronous Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com