Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53112260 Datasheet (PDF) - Lapp.

53112260 Datasheet PDF - Lapp.
Part # 53112260
Download  53112260 Download
File Size   121.07 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINTOP® MS–SC / MS–SC-XL

53112260 Datasheet (PDF)

Go To PDF Page Download Datasheet
53112260 Datasheet PDF - Lapp.

Part # 53112260
Download  53112260 Click to download

File Size   121.07 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINTOP® MS–SC / MS–SC-XL

53112260 Datasheet (HTML) - Lapp.


53112260 Product details

Technical features:
Connecting thread PG9 up to PG36 acc. to DIN 40430
Functional thread PG9 up to PG36 acc. to DIN 40430
Protection class IP68 - 5 bar, test acc. to EN 60529
Temperature range -25 °C up to +100 °C




Similar Part No. - 53112260

ManufacturerPart #DatasheetDescription
logo
Lapp.
53112260 LAPP-53112260 Datasheet
637Kb / 1P
Reduced-Diameter VFD Cable; 600V/1000V; UL & c(UL) TC-ER Approval
More results


Similar Description - 53112260

ManufacturerPart #DatasheetDescription
logo
Lapp.
52015700 LAPP-52015700 Datasheet
183Kb / 3P
SKINTOP® MS / MSR
03.07.2018
52115700 LAPP-52115700 Datasheet
144Kb / 2P
SKINTOP® MS-XL/ MSR-XL
03.07.2018
53105300 LAPP-53105300 Datasheet
349Kb / 2P
SKINTOP® HYGIENIC SC
25.11.2021
53112005 LAPP-53112005 Datasheet
293Kb / 2P
SKINTOP® MS-M-XL / MSR-M-XL
20.06.2023
53112037 LAPP-53112037 Datasheet
275Kb / 2P
SKINTOP® MS-NPT BRUSH
02.12.2021
53112530 LAPP-53112530 Datasheet
122Kb / 2P
SKINTOP® MS-HF-M SC
18.12.2020
53112570 LAPP-53112570 Datasheet
160Kb / 2P
SKINTOP® MS-HF-M
03.07.2018
53112780 LAPP-53112780 Datasheet
104Kb / 2P
SKINTOP® MS-IS-M
03.07.2018
53112910 LAPP-53112910 Datasheet
275Kb / 2P
SKINTOP® MS-SC NPT
02.12.2021
53806720 LAPP-53806720 Datasheet
307Kb / 2P
SKINTOP® INOX SC
02.12.2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com