Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53113310 Datasheet (PDF) - Lapp.

53113310 Datasheet PDF - Lapp.
Part # 53113310
Download  53113310 Download
File Size   231.1 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINTOP® SOLAR / SKINTOP® SOLAR plus

53113310 Datasheet (PDF)

Go To PDF Page Download Datasheet
53113310 Datasheet PDF - Lapp.

Part # 53113310
Download  53113310 Click to download

File Size   231.1 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINTOP® SOLAR / SKINTOP® SOLAR plus

53113310 Datasheet (HTML) - Lapp.


53113310 Product details

Technical features:
Connecting thread M12x1.5 and M16x1.5 acc. to EN 60423
Protection class / NEMA Type Rating IP68 – 5 bar, test acc. to EN 60529
NEMA Type 1 and Type 12
Cold impact test In acc. to UL 1703 / UL 746 C
Temperature range SKINTOP® SOLAR -40°C up to +100°C
SKINTOP® SOLAR plus -40°C up to +125°C




Similar Part No. - 53113310

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
531133 FESTO-531133 Datasheet
91Kb / 1P
Air preparation combination unit
2/9/22
More results


Similar Description - 53113310

ManufacturerPart #DatasheetDescription
logo
Lapp.
52015700 LAPP-52015700 Datasheet
183Kb / 3P
SKINTOP® MS / MSR
03.07.2018
52025235 LAPP-52025235 Datasheet
103Kb / 1P
SKINTOP® SD
03.07.2018
52109013 LAPP-52109013 Datasheet
175Kb / 2P
SKINTOP® CLICK BLK
20.06.2023
52220000 LAPP-52220000 Datasheet
276Kb / 3P
SKINTOP® CUBE
03.07.2018
52220065 LAPP-52220065 Datasheet
457Kb / 4P
SKINTOP® MULTI
13.08.2021
53015410 LAPP-53015410 Datasheet
118Kb / 2P
SKINTOP® BT
23.11.2021
53015600 LAPP-53015600 Datasheet
143Kb / 2P
SKINTOP® BS
23.11.2021
53016610 LAPP-53016610 Datasheet
149Kb / 2P
SKINTOP® BS NPT
23.11.2021
53800640 LAPP-53800640 Datasheet
83Kb / 1P
SKINTOP® DV
03.07.2018
54113000 LAPP-54113000 Datasheet
86Kb / 1P
SKINTOP® DV-M
03.07.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com