Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53806702 Datasheet (PDF) - Lapp.

53806702 Datasheet PDF - Lapp.
Part # 53806702
Download  53806702 Download
File Size   289.71 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINTOP® INOX NPT / INOX-R NPT

53806702 Datasheet (PDF)

Go To PDF Page Download Datasheet
53806702 Datasheet PDF - Lapp.

Part # 53806702
Download  53806702 Click to download

File Size   289.71 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINTOP® INOX NPT / INOX-R NPT

53806702 Datasheet (HTML) - Lapp.


53806702 Product details

Technical features:
Installations thread NPT 1/4" up to 1 1/2" acc. to ASME B1.20.1-2013
Protection class IP68 – 5 bar, test acc. to EN 60529
IP69 acc. to EN 60529 (in evaluation)
NEMA Type 1, Type 2, Type 4X, Type 6, Type 12 acc. to UL50E
Temperature range -40 °C up to +100 °C




Similar Part No. - 53806702

ManufacturerPart #DatasheetDescription
logo
Lapp.
53806720 LAPP-53806720 Datasheet
307Kb / 2P
SKINTOP® INOX SC
02.12.2021
53806722 LAPP-53806722 Datasheet
307Kb / 2P
SKINTOP® INOX SC
02.12.2021
53806724 LAPP-53806724 Datasheet
307Kb / 2P
SKINTOP® INOX SC
02.12.2021
53806726 LAPP-53806726 Datasheet
307Kb / 2P
SKINTOP® INOX SC
02.12.2021
53806728 LAPP-53806728 Datasheet
307Kb / 2P
SKINTOP® INOX SC
02.12.2021
More results


Similar Description - 53806702

ManufacturerPart #DatasheetDescription
logo
Lapp.
52103500 LAPP-52103500 Datasheet
126Kb / 1P
SKINDICHT® SM-NPT INOX
08.11.2019
53016610 LAPP-53016610 Datasheet
149Kb / 2P
SKINTOP® BS NPT
23.11.2021
53112004 LAPP-53112004 Datasheet
251Kb / 2P
SKINTOP® MS-NPT / MSR-NPT
02.12.2021
53112037 LAPP-53112037 Datasheet
275Kb / 2P
SKINTOP® MS-NPT BRUSH
02.12.2021
53112910 LAPP-53112910 Datasheet
275Kb / 2P
SKINTOP® MS-SC NPT
02.12.2021
53806720 LAPP-53806720 Datasheet
307Kb / 2P
SKINTOP® INOX SC
02.12.2021
53806740 LAPP-53806740 Datasheet
295Kb / 2P
SKINTOP INOX / INOX-R
02.12.2021
53806818 LAPP-53806818 Datasheet
330Kb / 2P
SKINTOP® INOX SC NPT
02.12.2021
54114100 LAPP-54114100 Datasheet
312Kb / 2P
SKINTOP® HYGIENIC NPT / HYGIENIC-R NPT
02.12.2021
54114300 LAPP-54114300 Datasheet
346Kb / 2P
SKINTOP® HYGIENIC SC NPT
02.12.2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com