Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6263BHGJ8F Datasheet (PDF) - Richtek Technology Corporation

RT6263BHGJ8F Datasheet PDF - Richtek Technology Corporation
Part # RT6263BHGJ8F
Download  RT6263BHGJ8F Download
File Size   1477.64 Kbytes
Page   27 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 17V Input, 3A, ACOT® Buck Converter with Both FETs OC Protection

RT6263BHGJ8F Datasheet (PDF)

Go To PDF Page Download Datasheet
RT6263BHGJ8F Datasheet PDF - Richtek Technology Corporation

Part # RT6263BHGJ8F
Download  RT6263BHGJ8F Click to download

File Size   1477.64 Kbytes
Page   27 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 17V Input, 3A, ACOT® Buck Converter with Both FETs OC Protection

RT6263BHGJ8F Datasheet (HTML) - Richtek Technology Corporation


RT6263BHGJ8F Product details

General Description
The RT6263A/B is a simple, easy-to-use, 3A
synchronous step-down DC-DC converter with an input
supply voltage range of 4.5V to 17V. The device
possesses an accurate reference voltage and
integrates low RDS(ON) power MOSFETs to achieve
high efficiency.
The RT6263A/B adopts Advanced Constant On-Time
(ACOT® ) control architecture to provide an ultrafast
transient response with few external components and
to operate in nearly constant switching frequency over
the line, load, and output voltage range. The RT6263A
operates in automatic PSM that maintains high
efficiency during light load operation. The RT6263B
operates in Forced PWM that helps meet tight voltage
regulation accuracy requirements.
The RT6263A/B senses both FETs current for a robust
over-current protection (OCP). The device features
cycle-by-cycle current limit protection to prevent the
device from the catastrophic damage in output short
circuit, over-current or inductor saturation conditions.
The RT6263A/B offers programmable start-up by
connecting a capacitor at external SS pin. The device
also includes input under-voltage lockout, output
under-voltage protection, and over-temperature
protection (OTP) to provide safe and smooth operation
in all operating conditions.

Features
 3A Converter Integrated 66m and 36m FETs
 Input Supply Voltage Range : 4.5V to 17V
 Output Voltage Range : 0.765V to 7V
 Advanced Constant On-Time (ACOT® ) Control
 Ultrafast Transient Response
 Optimized for Low-ESR Ceramic Output
Capacitors
 High Accuracy Feedback Reference Voltage : Typ.
 1%
 Optional for Operation Modes :
 RT6263A : Power Saving Mode (PSM)
 RT6263B : Forced PWM Mode
 Fixed Switching Frequency : 650kHz
 Enable Control and Externally Adjustable
Soft-Start
 Input Under-Voltage Lockout (UVLO)
 Protection Function
 Output Under-Voltage Protection (UVP) with
Hiccup Mode
 High- / Low-side MOSFET OCP and OTP
Function
 Power Good Indication
 RoHS Compliant and Halogen Free




Similar Part No. - RT6263BHGJ8F

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6264A RICHTEK-RT6264A Datasheet
1Mb / 25P
18V Input, 4A, ACOT® Buck Converter with Both FETs OC Protection
August 2021
RT6264AHGJ6F RICHTEK-RT6264AHGJ6F Datasheet
1Mb / 25P
18V Input, 4A, ACOT® Buck Converter with Both FETs OC Protection
August 2021
RT6264BHGJ6F RICHTEK-RT6264BHGJ6F Datasheet
1Mb / 25P
18V Input, 4A, ACOT® Buck Converter with Both FETs OC Protection
August 2021
RT6266GSP RICHTEK-RT6266GSP Datasheet
663Kb / 6P
RT6266 Step-Down Converter Evaluation Board
More results


Similar Description - RT6263BHGJ8F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54320 TI-TPS54320 Datasheet
1Mb / 39P
4.5V to 17V Input 3A Synchronous Step Down SWIFT Converter
TPS54320 TI-TPS54320_11 Datasheet
1Mb / 39P
4.5V to 17V Input, 3A Synchronous Step Down SWIFT Converter
TLV62130 TI1-TLV62130 Datasheet
1Mb / 32P
4-17V 3A Step-Down Converter with DCS-ControlTM
TLV62130 TI-TLV62130_13 Datasheet
1Mb / 34P
4-17V 3A Step-Down Converter with DCS-ControlTM
TLV62130ARGTR TI-TLV62130ARGTR Datasheet
1Mb / 35P
4-17V 3A Step-Down Converter with DCS-Control
logo
Diodes Incorporated
AP65251 DIODES-AP65251 Datasheet
745Kb / 19P
ACOT SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 1
AP62800 DIODES-AP62800 Datasheet
1Mb / 26P
4.5V TO 17V INPUT, 8A SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 November 2022
logo
Richtek Technology Corp...
RT5750A RICHTEK-RT5750A Datasheet
1Mb / 27P
6V 1A, ACOT® Buck Converter
May 2020
RT6220 RICHTEK-RT6220 Datasheet
259Kb / 20P
6A, 23V, 500kHz, ACOT® Synchronous Buck Converter
July 2020
RT6264A RICHTEK-RT6264A Datasheet
1Mb / 25P
18V Input, 4A, ACOT® Buck Converter with Both FETs OC Protection
August 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com