Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6264A Datasheet (PDF) - Richtek Technology Corporation

RT6264A Datasheet PDF - Richtek Technology Corporation
Part # RT6264A
Download  RT6264A Download
File Size   1564.47 Kbytes
Page   25 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 18V Input, 4A, ACOT® Buck Converter with Both FETs OC Protection

RT6264A Datasheet (PDF)

Go To PDF Page Download Datasheet
RT6264A Datasheet PDF - Richtek Technology Corporation

Part # RT6264A
Download  RT6264A Click to download

File Size   1564.47 Kbytes
Page   25 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 18V Input, 4A, ACOT® Buck Converter with Both FETs OC Protection

RT6264A Datasheet (HTML) - Richtek Technology Corporation


RT6264A Product details

General Description
The RT6264A/B is a simple, easy-to-use, 4A
synchronous step-down DC-DC converter with an input
supply voltage range of 4.5V to 18V. The device
possesses an accurate 0.765V reference voltage and
integrates low RDS(ON) power MOSFETs to achieve
high efficiency.
The RT6264A/B adopts Advanced Constant On-Time
ACOT® ) control architecture to provide an ultrafast
transient response with few external components and
to operate in nearly constant switching frequency over
the line, load, and output voltage range. The RT6264A
operates in automatic PSM that maintains high
efficiency during light load operation. The RT6264B
operates in Forced PWM that helps meet tight voltage
regulation accuracy requirements.
The RT6264A/B senses both FETs current for a robust
over-current protection. The device features
cycle-by-cycle current limit protection to prevent the
device from the catastrophic damage in output short
circuit, over-current or inductor saturation conditions. A
built-in soft-start function prevents inrush current during
start-up. The device also includes input under-voltage
lockout, output under-voltage protection, and
over-temperature protection (thermal shutdown) to
provide safe and smooth operation in all operating
conditions.

Features
 4A Converter Integrated 66m and 36m FETs
 Input Supply Voltage Range : 4.5V to 18V
 Output Voltage Range : 0.765V to 7V
 Advanced Constant On-Time (ACOT® ) Control
 Ultrafast Transient Response
 Optimized for Low-ESR Ceramic Output
Capacitors
 High Accuracy Feedback Reference Voltage :
Typ. 1%
 Optional for Operation Modes :
 RT6264A : Power Saving Mode (PSM)
 RT6264B : Forced PWM Mode
 Fixed Switching Frequency : 650kHz
 Enable Control and Internally Fixed Soft-Start
with typ. 1ms
 Input Under-Voltage Lockout (UVLO)
 Protection Function
 Output Under-Voltage Protection (UVP) with
Hiccup Mode
 High- / Low-side MOSFET OCP and OTP
Function
 RoHS Compliant and Halogen Free




Similar Part No. - RT6264A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6263A RICHTEK-RT6263A Datasheet
1Mb / 27P
17V Input, 3A, ACOT® Buck Converter with Both FETs OC Protection
August 2021
RT6263AHGJ8F RICHTEK-RT6263AHGJ8F Datasheet
1Mb / 27P
17V Input, 3A, ACOT® Buck Converter with Both FETs OC Protection
August 2021
RT6263BHGJ8F RICHTEK-RT6263BHGJ8F Datasheet
1Mb / 27P
17V Input, 3A, ACOT® Buck Converter with Both FETs OC Protection
August 2021
RT6266GSP RICHTEK-RT6266GSP Datasheet
663Kb / 6P
RT6266 Step-Down Converter Evaluation Board
More results


Similar Description - RT6264A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1538 DIODES-AP1538 Datasheet
289Kb / 14P
18V 3A 300KHz BUCK CONVERTER
AP1538 Rev. 2
AP1539 DIODES-AP1539 Datasheet
239Kb / 12P
18V 4A 300KHz BUCK CONVERTER
AP1539 Rev. 2
AP1539_0910 DIODES-AP1539_0910 Datasheet
306Kb / 13P
18V 4A 300KHz BUCK CONVERTER
AP1539 Rev. 4
AP65251 DIODES-AP65251 Datasheet
745Kb / 19P
ACOT SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 1
AP62600 DIODES-AP62600 Datasheet
2Mb / 26P
4.5V TO 18V INPUT, 6A SYNCHRONOUS BUCK CONVERTER
June 2022
AP62500 DIODES-AP62500 Datasheet
2Mb / 27P
4.5V TO 18V INPUT, 5A SYNCHRONOUS BUCK CONVERTER
November 2022 Rev. 1 - 2
logo
Richtek Technology Corp...
RT5750A RICHTEK-RT5750A Datasheet
1Mb / 27P
6V 1A, ACOT® Buck Converter
May 2020
RT6202A RICHTEK-RT6202A Datasheet
226Kb / 15P
5A, 18V, 650kHz, ACOT® Synchronous Step-Down Converter
January 2022
RT6220 RICHTEK-RT6220 Datasheet
259Kb / 20P
6A, 23V, 500kHz, ACOT® Synchronous Buck Converter
July 2020
RT6263A RICHTEK-RT6263A Datasheet
1Mb / 27P
17V Input, 3A, ACOT® Buck Converter with Both FETs OC Protection
August 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com