Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7208EB Datasheet (PDF) - Richtek Technology Corporation

RT7208EB Datasheet PDF - Richtek Technology Corporation
Part # RT7208EB
Download  RT7208EB Download
File Size   2101.96 Kbytes
Page   51 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description High-Integration USB PD Controller with Internal Feedback Compensation and Synchronous Rectification for ZVS Control

RT7208EB Datasheet (PDF)

Go To PDF Page Download Datasheet
RT7208EB Datasheet PDF - Richtek Technology Corporation

Part # RT7208EB
Download  RT7208EB Click to download

File Size   2101.96 Kbytes
Page   51 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description High-Integration USB PD Controller with Internal Feedback Compensation and Synchronous Rectification for ZVS Control

RT7208EB Datasheet (HTML) - Richtek Technology Corporation


RT7208EB Product details

General Description
The RT7208EB is a programmable USB PD controller with built-in functions of synchronous rectification, bi- direction control and internal feedback compensation. The controller MCU handles various proprietary protocols via the D+/D- interface and supports USB PD Type-C via the CC1/CC2 pins.
The RT7208EB provides the highly integrated solution for the off-line high power density AC-DC converter by utilizing the zero-voltage switching (ZVS) on main switch. This is accomplished by built-in compensation for feedback control to regulate output voltage and current. In order to reduce usage of external components, the controller is built-in with a synchronous rectification controller, and integrated with diverse functions and protections. These features improve the efficiency as well as the safety of a power converter.
In the IC, an internal synchronous rectifier controller can optimize efficiency and provide safe operation in both continuous-conduction mode (CCM) and discontinuous
conduction mode (DCM) under a wide output voltagerange of 3.0V to 22V.
Moreover, a dual operational amplifier with the digital- to-analog converter (DAC) is embedded for voltage- loop and current-loop regulation when programming the constant-voltage (CV) and constant-current (CC) regulation in high precision.

Applications
USB PD Type-C or Proprietary Protocols (e.g., FCP,SCP and AFC) Chargers/Adapters for SmartPhones, NBs, Tablets and All Other Electronics
USB PD Extension Cores with Offline AC-DCConverters

Features
Protocol Support
USB PD2.0/PD3.0 and PPS
Proprietary Protocols
Highly Integrated
Embedded MCU with an Mask ROM of 32KB, anOTP-ROM of 16KB, and an SRAM of 3KB
Built-in Synchronous Rectifier Controller andDriver
Built-in Charge Pump for a Wide VDDOperation Range of 3V to 22V
Built-in Bi-direction Function forProgrammable Constant-Voltage andConstant-Current Control
Built-in Internal Feedback Compensation
Built-in Dual Shunt Regulators withRespectively 11-bit and 10-bit DACProgrammable Reference Voltages for CV andCC Control
Built-in 10-bit Analog-to-Digital Converter(ADC)
Programmable Linear Cable Compensation
BLD Pin for Quick Discharge of OutputCapacitor
VBUS Pin for Detection VBUS Voltage andQuick Discharge of VBUS Capacitor
USBP Pin for Direct Drive of External BlockingN-MOSFET
Power-Saving Mode in Standby Mode
Protection
Adaptive Output Over-Voltage Protection
Adaptive Under-Voltage Protection
CC1/CC2/D+/D- Over-Voltage Protection
Firmware-Programmable Constant-CurrentProtection
Firmware-Programmable Over-CurrentProtection
Firmware-Programmable Over-TemperatureProtection




Similar Part No. - RT7208EB

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
RT72019PN AMPHENOL-RT72019PN Datasheet
1Mb / 2P
RT360??industrial circular connectors are multiway connector available in 6 shell sizes and 22 insert
RT72019PW AMPHENOL-RT72019PW Datasheet
1Mb / 2P
RT360??industrial circular connectors are multiway connector available in 6 shell sizes and 22 insert
RT72019PX AMPHENOL-RT72019PX Datasheet
1Mb / 2P
RT360??industrial circular connectors are multiway connector available in 6 shell sizes and 22 insert
RT72019SN AMPHENOL-RT72019SN Datasheet
1Mb / 2P
RT360??industrial circular connectors are multiway connector available in 6 shell sizes and 22 insert
RT72019SW AMPHENOL-RT72019SW Datasheet
1Mb / 2P
RT360??industrial circular connectors are multiway connector available in 6 shell sizes and 22 insert
More results


Similar Description - RT7208EB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6754 INTERSIL-ISL6754 Datasheet
539Kb / 19P
ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
September 29, 2008
ISL78223 INTERSIL-ISL78223 Datasheet
1Mb / 20P
ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
January 2, 2013
ISL6754AAZA INTERSIL-ISL6754AAZA Datasheet
536Kb / 19P
ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
September 29, 2008
logo
NXP Semiconductors
AN10580 PHILIPS-AN10580_15 Datasheet
111Kb / 11P
GreenChip TEA1761 synchronous rectification and feedback controller
Rev. 01-19 March 2008
logo
Renesas Technology Corp
ISL6754 RENESAS-ISL6754 Datasheet
1Mb / 20P
ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
ISL78223 RENESAS-ISL78223 Datasheet
1Mb / 20P
ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
logo
Richtek Technology Corp...
RT7207K RICHTEK-RT7207K Datasheet
164Kb / 1P
Highly Integration USB PD Controller with Synchronous Rectification
RT7207KB RICHTEK-RT7207KB Datasheet
164Kb / 1P
Highly Integration USB PD Controller with Synchronous Highly Integration USB PD Controller with Synchronous
logo
Rohm
PV2105 ROHM-PV2105 Datasheet
651Kb / 2P
Wide-Input, Synchronous Buck Digital Controller with Auto-Control & SMBus??PMBus??for USB-PD
logo
Power Integrations, Inc...
INN3865C POWERINT-INN3865C Datasheet
2Mb / 44P
Off-Line QR Flyback Switcher IC with Integrated USB Type-C and USB PD Controller, High-Voltage Switch, Synchronous Rectification and FluxLink Feedback
November 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com