Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7208EB Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT7208EB
Description  High-Integration USB PD Controller with Internal Feedback Compensation and Synchronous Rectification for ZVS Control
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7208EB Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT7208EB Datasheet HTML 1Page - Richtek Technology Corporation RT7208EB Datasheet HTML 2Page - Richtek Technology Corporation RT7208EB Datasheet HTML 3Page - Richtek Technology Corporation RT7208EB Datasheet HTML 4Page - Richtek Technology Corporation RT7208EB Datasheet HTML 5Page - Richtek Technology Corporation RT7208EB Datasheet HTML 6Page - Richtek Technology Corporation RT7208EB Datasheet HTML 7Page - Richtek Technology Corporation RT7208EB Datasheet HTML 8Page - Richtek Technology Corporation RT7208EB Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
RT7208EB
r
Copyright © 2021 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS7208EB-00
August
2021
2
Ordering Information
RT7208EB
Package Type
QW : WQFN-28L 4x5 (W-Type)
(Exposed Pad-Option 1)
Lead Plating System
G : Green (Halogen Free and Pb Free)
-
Programmed Firmware Code AABBX
AA : Application Code
BB : Model Code
X : Customer Approved Version Code
Note :
The products are :
RoHS compliant and compatible with the current
requirements of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Marking Information
For
marking
information,
contact
our
sales
representative directly or through a Richtek distributor
located in your area.
Pin Configuration
(TOP VIEW)
VDD
USBP
NC
VDD
VBUS
29
GND
1
2
3
4
5
6
7
8
14
9
10
11
12
13
23
28
27
26
25
24
22
21
20
19
18
17
16
15
V5
AGND
V2
D-
CC2
CC1
D+
CC_GND
V_TR
CS-
CS+
WQFN-28L 4x5
RT7208EB Functional Table
Version
RT7208EB
Output Voltage Supported
3V to 22V
SR MOSFET VDS Scaling Factor
RVDS2 / (RVDS1 + RVDS2)
1/50
VOUT Scaling Factor
RFB2 / (RFB1 + RFB2)
1/10
Built-in FB Resistors
O
Blocking MOSFET Driver
N-MOSFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com