Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7208EB Datasheet(PDF) 39 Page - Richtek Technology Corporation

Part # RT7208EB
Description  High-Integration USB PD Controller with Internal Feedback Compensation and Synchronous Rectification for ZVS Control
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7208EB Datasheet(HTML) 39 Page - Richtek Technology Corporation

Back Button RT7208EB Datasheet HTML 35Page - Richtek Technology Corporation RT7208EB Datasheet HTML 36Page - Richtek Technology Corporation RT7208EB Datasheet HTML 37Page - Richtek Technology Corporation RT7208EB Datasheet HTML 38Page - Richtek Technology Corporation RT7208EB Datasheet HTML 39Page - Richtek Technology Corporation RT7208EB Datasheet HTML 40Page - Richtek Technology Corporation RT7208EB Datasheet HTML 41Page - Richtek Technology Corporation RT7208EB Datasheet HTML 42Page - Richtek Technology Corporation RT7208EB Datasheet HTML 43Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
r
RT7208EB
Copyright © 2021 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS7208EB-00
August
2021
www.richtek.com
39
tV_TR_FALLING vs. Temperature
50
100
150
200
250
300
-50
-25
0
25
50
75
100
125
Temperature (°C)
00 : tV_TR_FALLING 250ns
01 : tV_TR_FALLING 200ns
10 : tV_TR_FALLING 150ns
11 : tV_TR_FALLING 100ns
tD_VTR vs. Temperature
0.05
0.10
0.15
0.20
0.25
-50
-25
0
25
50
75
100
125
Temperature (°C)
VV_TR_EDGE vs. Temperature
0.050
0.075
0.100
0.125
0.150
-50
-25
0
25
50
75
100
125
Temperature (°C)
CT vs. Temperature
1
2
3
4
5
-50
-25
0
25
50
75
100
125
Temperature (°C)
00 : CT 4.3pF
01 : CT 3.3pF
10 : CT 1.9pF
11 : CT 1.4pF
gmV_TR / gmVOUT vs. Temperature
3.1
3.4
3.7
4.0
4.3
-50
-25
0
25
50
75
100
125
Temperature (°C)
0 : gmV_TR / gmVOUT 3.97
1 : gmV_TR / gmVOUT 3.4
Maximum Step Tracking vs. Temperature
0.3
0.4
0.5
0.6
0.7
-50
-25
0
25
50
75
100
125
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com