Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7208EB Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT7208EB
Description  High-Integration USB PD Controller with Internal Feedback Compensation and Synchronous Rectification for ZVS Control
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7208EB Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT7208EB Datasheet HTML 9Page - Richtek Technology Corporation RT7208EB Datasheet HTML 10Page - Richtek Technology Corporation RT7208EB Datasheet HTML 11Page - Richtek Technology Corporation RT7208EB Datasheet HTML 12Page - Richtek Technology Corporation RT7208EB Datasheet HTML 13Page - Richtek Technology Corporation RT7208EB Datasheet HTML 14Page - Richtek Technology Corporation RT7208EB Datasheet HTML 15Page - Richtek Technology Corporation RT7208EB Datasheet HTML 16Page - Richtek Technology Corporation RT7208EB Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
r
RT7208EB
Copyright © 2021 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS7208EB-00
August
2021
www.richtek.com
13
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
RT Section
Open Loop Voltage
VRT_OP
VDD = 5V
3.2
3.6
4
V
Register-Programmable
Internal Bias Current
IBIAS_RT
00
95
100
105
A
01
18
20
22
10
3.6
4
4.4
11
Open
VBUS Section
Maximum VBUS Sinking
Current
IVBUS_MAX
(Note 5)
2
--
30
mA
Pull-Low Impedance
RL_VBUS
IVBUS_MAX = 20mA
--
--
200
BLD Section
Maximum BLD Sinking
Current
IBLD_MAX
VBLD = 20V, in 300ms
(Note 5)
0.2
--
0.7
A
Pull-Low Impedance
RL_BLD
IBLD = 50mA
--
--
30
Register-Programmable
BLD Discharge Current
IBLD_DIS
VDD > 3V.
It is necessary to
gradually reduce the
discharge current before
closing IDD_DIS.
000
7.5
15
22.5
mA
001
15
30
45
010
42
60
78
011
63
90
117
100
84
120
156
BLD Discharge Current
Step Change Delay Time
tSTEP_BLD
When BLD is disabled.
80
100
120
s
D+, D-
Section
Register-Programmable
Pull-High Resistance
RH_DPDM
0
Open
k
1
10
12.5
15
Register-Programmable
Pull-Low Resistance
RL_DPDM
0
Open
k
1
16
20
24
Register-Programmable
Leakage Current
ILKG_DPDM
(Note 5)
0
Open
A
1
0.5
1
1.5
Register-Programmable
Output High Voltage
VOH_OP
00
Open Drain
V
VOH_3.3V
VDD = 5V, RL = 15k
01
2.97
3.3
3.63
VOH_1.8V
10
1.62
1.8
1.98
VOH_4.2V
11
3.78
4.2
4.62
Pull-High Resistance for
Apple Mode
RH_DPDM_AM
25.6
32
38.4
k
Register-Programmable
Output High Voltage for
Apple Mode
VOH_2.7V_AM
VDD = 5V, RL = 15k
0
2.565
2.7
2.835
V
VOH_2V_AM
1
1.88
2
2.12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com