Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7208EB Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT7208EB
Description  High-Integration USB PD Controller with Internal Feedback Compensation and Synchronous Rectification for ZVS Control
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7208EB Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT7208EB Datasheet HTML 17Page - Richtek Technology Corporation RT7208EB Datasheet HTML 18Page - Richtek Technology Corporation RT7208EB Datasheet HTML 19Page - Richtek Technology Corporation RT7208EB Datasheet HTML 20Page - Richtek Technology Corporation RT7208EB Datasheet HTML 21Page - Richtek Technology Corporation RT7208EB Datasheet HTML 22Page - Richtek Technology Corporation RT7208EB Datasheet HTML 23Page - Richtek Technology Corporation RT7208EB Datasheet HTML 24Page - Richtek Technology Corporation RT7208EB Datasheet HTML 25Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
r
RT7208EB
Copyright © 2021 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS7208EB-00
August
2021
www.richtek.com
21
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Register-Programmable
Delay Time after SYNC
Falling Edge for ZVS
Pulse
tD_ZVS
00
Disable
ns
01
90
130
170
10
150
215
280
11
210
300
390
Register-Programmable
Pulse ON Time for ZVS
tPULSE_ZVS
Interval limit from ZVS rising
edge to ZVS falling edge.
The
clock period is based on
fOSC_MCU and can be set by
the 6-bit register.
92
--
2346
ns
Note 1. Stresses beyond those listed under ”Absolute Maximum Ratings” may cause permanent damage to the device. These
are stress ratings only, and functional operation of the device at these or any other condition beyond those indicated in
the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may affect
device reliability.
Note 2.
JA is measured under natural convection (still air) at TA = 25°C with the component mounted on a high effective-thermal-
conductivity four-layer test board on a JEDEC 51-7 thermal measurement standard.
JC is measured at the exposed pad
of the package.
Note 3. Devices are ESD sensitive. Handling precaution is recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.
Note 5. Guaranteed by design.
Note 6. For VG to GND, VG - V9 < 0.3V.
For VCP to GND, VCP- V5 < 0.3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com