Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7530 Datasheet (PDF) - Renesas Technology Corp

ZLED7530 Datasheet PDF - Renesas Technology Corp
Part # ZLED7530
Download  ZLED7530 Download
File Size   759.16 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Current 40V LED Driver with Switch Dimming

ZLED7530 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZLED7530 Datasheet PDF - Renesas Technology Corp

Part # ZLED7530
Download  ZLED7530 Click to download

File Size   759.16 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Current 40V LED Driver with Switch Dimming

ZLED7530 Datasheet (HTML) - Renesas Technology Corp


ZLED7530 Product details

Features
•Switch dimming with multiple levels
•Three modes for output level settings
•Up to 1.2A output current
•Internal 40V power switch
•Wide DC input voltage range 8.5 to 40 VDC
•Output current accuracy: 5% (typical)
•LED open-circuit protection
•Thermal shutdown protection
Benefits
•High efficiency: up to 98%
•Very few external components needed foroperation
•Adds switch dimming function to existinginstallation
Available Support
•Evaluation Kit




Similar Part No. - ZLED7530

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZLED7530 ETC2-ZLED7530 Datasheet
2Mb / 24P
High Current 40V LED Driver with Switch Dimming
ZLED7530 ETC2-ZLED7530 Datasheet
2Mb / 24P
High Current 40V LED Driver with Switch Dimming
logo
Integrated Device Techn...
ZLED7530 IDT-ZLED7530 Datasheet
615Kb / 22P
High Current 40V LED Driver with Switch Dimming
logo
List of Unclassifed Man...
ZLED7530-ZI1R ETC2-ZLED7530-ZI1R Datasheet
2Mb / 24P
High Current 40V LED Driver with Switch Dimming
More results


Similar Description - ZLED7530

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31LT3380 ISSI-IS31LT3380 Datasheet
444Kb / 12P
40V/1.2A LED DRIVER WITH SWITCH DIMMING
logo
List of Unclassifed Man...
ZLED7020 ETC2-ZLED7020 Datasheet
2Mb / 28P
High Current 40V LED Driver with Internal Switch
ZLED7030 ETC2-ZLED7030 Datasheet
2Mb / 24P
High Current 40V LED Driver with Switch Dimming
ZLED7330 ETC2-ZLED7330 Datasheet
2Mb / 24P
High Current 40V LED Driver with Switch Dimming
ZLED7530 ETC2-ZLED7530 Datasheet
2Mb / 24P
High Current 40V LED Driver with Switch Dimming
ZLED7720 ETC2-ZLED7720 Datasheet
2Mb / 28P
High Current 40V LED Driver with Internal Switch
ZLED7730 ETC2-ZLED7730 Datasheet
2Mb / 24P
High Current 40V LED Driver with Switch Dimming
logo
Integrated Device Techn...
ZLED7030 IDT-ZLED7030 Datasheet
615Kb / 22P
High Current 40V LED Driver with Switch Dimming
logo
Integrated Silicon Solu...
IS31LT3380-GRLS3 ISSI-IS31LT3380-GRLS3 Datasheet
444Kb / 12P
40V/1.2A LED DRIVER WITH SWITCH DIMMING
logo
Renesas Technology Corp
ZLED7X20 RENESAS-ZLED7X20 Datasheet
730Kb / 28P
High Current 40V LED Driver with Internal Switch
April 20, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com