Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7530 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ZLED7530
Description  High Current 40V LED Driver with Switch Dimming
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7530 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ZLED7530 Datasheet HTML 1Page - Renesas Technology Corp ZLED7530 Datasheet HTML 2Page - Renesas Technology Corp ZLED7530 Datasheet HTML 3Page - Renesas Technology Corp ZLED7530 Datasheet HTML 4Page - Renesas Technology Corp ZLED7530 Datasheet HTML 5Page - Renesas Technology Corp ZLED7530 Datasheet HTML 6Page - Renesas Technology Corp ZLED7530 Datasheet HTML 7Page - Renesas Technology Corp ZLED7530 Datasheet HTML 8Page - Renesas Technology Corp ZLED7530 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
ZLED7x30 Datasheet
5
April 20, 2016
1
IC Characteristics
Note: Exceeding the maximum ratings given in this section could cause operation failure and/or cause permanent
damage to the ZLED7x30. Exposure to these conditions for extended periods may affect device reliability.
1.1
Absolute Maximum Ratings
No.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
1.1.1
Input voltage (also see
specification 1.2.2)
VIN
-0.3
50
V
1.1.2
ISENSE pin voltage
VISENSE
VIN
≥5V
VIN-5V
VIN+0.3V
V
VIN<5V
-0.3V
VIN+0.3V
V
1.1.3
LX pin output voltage
VLX
-0.3
50
V
1.1.4
DIM1, DIM2 pin input
voltage
VDIM
-0.3
6
V
1.1.5
LX pin switch output current
ILX
1.5
A
1.1.6
Power dissipation
Ptot
0.5
W
1.1.7
ESD performance
Human Body Model
±3
kV
1.1.8
Junction temperature
TJ
150
°C
1.1.9
Junction to ambient thermal
resistance
RθJA
100
K/W
1.1.10
Storage temperature
TS
-55
150
°C
1.2
Operating Conditions
No.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
1.2.1
Operating temperature
Tamb
-40
105
°C
1.2.2
Input voltage (also see
specification 1.1.1)
VIN
8.5
40
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com