Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7530 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ZLED7530
Description  High Current 40V LED Driver with Switch Dimming
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7530 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ZLED7530 Datasheet HTML 9Page - Renesas Technology Corp ZLED7530 Datasheet HTML 10Page - Renesas Technology Corp ZLED7530 Datasheet HTML 11Page - Renesas Technology Corp ZLED7530 Datasheet HTML 12Page - Renesas Technology Corp ZLED7530 Datasheet HTML 13Page - Renesas Technology Corp ZLED7530 Datasheet HTML 14Page - Renesas Technology Corp ZLED7530 Datasheet HTML 15Page - Renesas Technology Corp ZLED7530 Datasheet HTML 16Page - Renesas Technology Corp ZLED7530 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
ZLED7x30 Datasheet
13
April 20, 2016
Rs
V
1
.
0
K
I
X
dim
OUT
=
The dimmed average output current is given by
(2)
Where
KX = Current ratio to initial current (see section 1.3).
The input conditions on the DIM1 and DIM2 pins set the number of current levels and the current ratio relative to the
initial average current for the dimming switch (DS) sequences as shown in Table 2.1.
Table 2.1
Dimming Configuration Options
Dimming Mode
DIM1
DIM2
Dimming Ratio K
No dimming
Floating
Floating
(100%)
1
Floating
GND
100%
 1
st DS  50%  2nd DS  20%  3rd DS  100% …
2
GND
Floating
100%
 1
st DS  60%  2nd DS  30%  3rd DS  100% …
3
GND
GND
100%
 1
st DS  30%  2nd DS  100% …
If a normal switch is detected or if DIM1 and DIM2 are both floating, the output current goes back to the initial state of
100% nominal average output current. Since ZLED7x30 needs to count the time for more than 2 seconds after the
switch is off during a normal switch, one capacitor (C1) equal to or greater than 220
μF is required to keep the chip
working in low quiescent current mode during this part of the off-time.
2.4
ZLED7x30 Protection Features
2.4.1
Thermal Shut-down Protection
The ZLED7x30 automatically protects itself from damage due to over-temperature conditions. If the ZLED7x30’s
temperature exceeds the thermal shutdown threshold (TSD = 150°C, typical), the ZLED7x30 will shutdown. To avoid
erratic ZLED7x30 operation, a 20K hysteresis (TSD-HYS) is applied that prevents it from returning to operation until its
temperature falls below the hysteresis threshold (TSD - TSD-HYS). Also refer to section 3.2 for additional thermal
considerations.
2.4.2
LED Open-Load Protection
As a step-down converter, the ZLED7x30 has inherent open-load circuit protection. Since the L1 inductor is
connected in series with the LED string, the current flow is interrupted if the load is open and the LX output of the
ZLED7x30 will not be damaged. This provides an advantage over other products such as boost converters, for which
the internal switch can be damaged by back EMF forcing the drain above its breakdown voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com