Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7530 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # ZLED7530
Description  High Current 40V LED Driver with Switch Dimming
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7530 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button ZLED7530 Datasheet HTML 14Page - Renesas Technology Corp ZLED7530 Datasheet HTML 15Page - Renesas Technology Corp ZLED7530 Datasheet HTML 16Page - Renesas Technology Corp ZLED7530 Datasheet HTML 17Page - Renesas Technology Corp ZLED7530 Datasheet HTML 18Page - Renesas Technology Corp ZLED7530 Datasheet HTML 19Page - Renesas Technology Corp ZLED7530 Datasheet HTML 20Page - Renesas Technology Corp ZLED7530 Datasheet HTML 21Page - Renesas Technology Corp ZLED7530 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
ZLED7x30 Datasheet
18
April 20, 2016
LX
MAX
LX
F
MAX
D
AVG
MIN
f
V
D
I
V
t
I
C
∗
∆
∗
=
∆
=
*
1
F
135
V
2
.
3
*
3
2
*
V
24
ms
10
*
A
33
.
0
1
C
MIN
µ
=
−
=
ripple
ON
AVG
MIN
V
t
I
C
*
1
=
(9)
Where:
Symbol
Description
IAVG
Average nominal LED string current assuming that the contribution of the IC supply current is
negligible.
tD
Discharge time at given AC frequency. Will be a maximum of 10ms (½ period duration) at 50Hz.
ΔVMAX
Peak rectified supply voltage minus LED string forward voltage or minimum ZLED7x30 supply
voltage, whichever is greater.
Example: For an application with 3 LEDs with 3.2V forward voltage each driven at 0.33A and supplied with rectified
24VAC, a mi
nimum bypass capacitor C1 of 220μF or 330μF might be adequate. Compared to the calculation, a
safety margin of about 50% must be added to consider temperature effects and aging.
(10)
A second function of C1 is to bypass the current ripple of the switching converter and thus prevent it from disturbing a
stable IC supply or backlash on the power supply circuit. For this reason even in DC-supplied applications, the use of
an adequate C1 might be useful. The defining parameters are now as shown in equation (11):
(11)
Where:
Symbol
Description
IAVG
Average nominal LED string current.
tON
ON time of the internal MOSFET output switch.
Note: tON must be longer than tONmin=200ns.
Vripple
Permissible voltage ripple on the supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com