Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7530 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ZLED7530
Description  High Current 40V LED Driver with Switch Dimming
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7530 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ZLED7530 Datasheet HTML 2Page - Renesas Technology Corp ZLED7530 Datasheet HTML 3Page - Renesas Technology Corp ZLED7530 Datasheet HTML 4Page - Renesas Technology Corp ZLED7530 Datasheet HTML 5Page - Renesas Technology Corp ZLED7530 Datasheet HTML 6Page - Renesas Technology Corp ZLED7530 Datasheet HTML 7Page - Renesas Technology Corp ZLED7530 Datasheet HTML 8Page - Renesas Technology Corp ZLED7530 Datasheet HTML 9Page - Renesas Technology Corp ZLED7530 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
ZLED7x30 Datasheet
6
April 20, 2016
1.3
Electrical Parameters
Except as noted, test conditions for the following specifications are Tamb = 25°C typical and VIN = 12V unless
otherwise noted.
Production testing of the chip is performed at 25°C unless otherwise stated. Functional operation of the chip and
specified parameters at other temperatures are guaranteed by design, characterization, and process control.
No.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
1.3.1
Quiescent supply current
IINQoff
Output off
70
120
140
μA
IINQon
Output switching
450
600
μA
1.3.2
Mean current sense
threshold voltage
VSENSE
95
100
105
mV
1.3.3
Sense threshold hysteresis
VSENSEHYS
±15
%
1.3.4
ISENSE pin input current
ISENSE
VSENSE = VIN -0.1V
8
μA
1.3.5
Under-voltage lockout
threshold
VUVLO
VIN rising
5.05
5.85
6.65
V
1.3.6
Under-voltage lockout
hysteresis
∆V
UVLO
1.65
V
1.3.7
Ratio of output current
level to initial current in
Dimming Mode 1
K1
DIM1: Floating
DIM2: GND
Level 1
100
%
Level 2
50
%
Level 3
17
20
23
%
1.3.8
Ratio of output current
level to initial current in
Dimming Mode 2
K2
DIM1: GND
DIM2: Floating
Level 1
100
%
Level 2
60
%
Level 3
28
30
32
%
1.3.9
Ratio of output current
level to initial current in
Dimming Mode 3
K3
DIM1: GND
DIM2: GND
Level 1
100
%
Level 2
28
30
32
%
1.3.10
Interval time between
external switch actions
TS
2
s
1.3.11
LX switch continuous
current
ILXmean_0
ZLED7030
1.2
A
ILXmean_3
ZLED7330
1.0
A
ILXmean_5
ZLED7530
0.75
A
ILXmean_7
ZLED7730
0.35
A
1.3.12
LX switch leakage current
ILX(leak)
1
μA
1.3.13
LX switch on resistance
RLX
0.3
0.4
Ω
1.3.14
Minimum switch on time
tONmin
LX switch on
200
ns
1.3.15
Minimum switch off time
tOFFmin
LX switch off
200
ns
1.3.16
Recommended operating
frequency maximum
fLXmax
1
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com