Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7530 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # ZLED7530
Description  High Current 40V LED Driver with Switch Dimming
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7530 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button ZLED7530 Datasheet HTML 15Page - Renesas Technology Corp ZLED7530 Datasheet HTML 16Page - Renesas Technology Corp ZLED7530 Datasheet HTML 17Page - Renesas Technology Corp ZLED7530 Datasheet HTML 18Page - Renesas Technology Corp ZLED7530 Datasheet HTML 19Page - Renesas Technology Corp ZLED7530 Datasheet HTML 20Page - Renesas Technology Corp ZLED7530 Datasheet HTML 21Page - Renesas Technology Corp ZLED7530 Datasheet HTML 22Page - Renesas Technology Corp ZLED7530 Datasheet HTML 23Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
ZLED7x30 Datasheet
19
April 20, 2016
nF
367
1
.
0
*
V
24
s
67
.
2
*
A
33
.
0
1
C
MIN
=
=
µ
Example: For an application of 3 LEDs driven at 0.33A and supplied with 24VDC, a maximum ripple of 10% is
allowed. The ZLED7x30
is operated at 150kHz with a duty cycle of 0.4 leading to an ON time of 2.67μs. As calculated
in equation 12, a capacitor C1 of 470nF may be adequate, again including a safety margin of about 50%.
(12)
To achieve maximum stability over temperature and voltage, an X7R, X5R, or better dielectric is recommended while
Y5V must be avoided.
3.3.4
De-bouncing Capacitor C2
External capacitor C2 minimizes ground bounce during switching of the internal MOSFET output switch. Ground
bounce is typically caused by parasitic inductance and resistance due to the distance between the grounds for the
power supply and the ZLED7x30 GND pin. Use a 0.1
μF, X7R ceramic capacitor to ground for C2.
3.3.5
Capacitor C3 for Reducing Output Ripple
If required, the C3 can be used to reduce peak-to-peak ripple current in the LED string. Low ESR capacitors should
be used because the efficiency of C3 largely depends on its ESR and the dynamic resistance of the LEDs. For an
increased number of LEDs, using the same capacitor will be more effective. Lower ripple can be achieved with higher
capacitor values, but this will increase start-up delay by reducing the slope of the LED voltage as well as cause
increased current during converter start-up. The capacitor will not affect operating frequency or efficiency. For a
simulation or bench optimization, C3 values of a few μF are an applicable starting point for the given configuration.
Ripple current reduction is approximately proportional to the value of C3.
3.3.6
Diode D1
The flyback diode D1 must have a continuous current rating greater than the maximum output load current and a
peak current rating higher than the peak L1 coil current. Important: Use a low-capacitance, fast Schottky diode that
has low reverse leakage at the maximum operating temperature and maximum operating voltage for the application
to avoid excess power dissipation and optimize performance and efficiency. For silicon diodes, there is a concern that
the higher forward voltage and increased overshoot from reverse recovery time could increase the peak LX pin
voltage (VLX). The total voltage VLX (including ripple voltage) must not be >50V.
3.4
Application Circuit Layout Requirements
The following guidelines are strongly recommended when laying out application circuits:
• Important: Locate the L1 inductor and the C1 input decoupling capacitor as close as possible to the ZLED7x30
to minimize parasitic inductance and resistance, which can compromise efficiency. Use low resistance
connections from L1 to the LX and VIN pins.
• All circuit board traces to the LX pin must be as short as possible because it is a high-speed switching node.
• To minimize ground bounce, locate the 0.1μF external capacitor C2 as close as possible to the V
IN pin and
solder the ZLED7x30’s GND pin directly to the ground plane. (Also, see section 3.3.4 regarding ground
bounce.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com